Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72324BK4 Datasheet(PDF) 60 Page - STMicroelectronics

Part # ST72324BK4
Description  8-bit MCU, 3.8 to 5.5 V operating range with 8 to 32 Kbyte Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72324BK4 Datasheet(HTML) 60 Page - STMicroelectronics

Back Button ST72324BK4 Datasheet HTML 56Page - STMicroelectronics ST72324BK4 Datasheet HTML 57Page - STMicroelectronics ST72324BK4 Datasheet HTML 58Page - STMicroelectronics ST72324BK4 Datasheet HTML 59Page - STMicroelectronics ST72324BK4 Datasheet HTML 60Page - STMicroelectronics ST72324BK4 Datasheet HTML 61Page - STMicroelectronics ST72324BK4 Datasheet HTML 62Page - STMicroelectronics ST72324BK4 Datasheet HTML 63Page - STMicroelectronics ST72324BK4 Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 188 page
background image
On-chip peripherals
ST72324B
60/188
10
On-chip peripherals
10.1
Watchdog timer (WDG)
10.1.1
Introduction
The Watchdog timer is used to detect the occurrence of a software fault, usually generated
by external interference or by unforeseen logical conditions, which causes the application
program to abandon its normal sequence. The Watchdog circuit generates an MCU reset on
expiry of a programmed time period, unless the program refreshes the counter’s contents
before the T6 bit becomes cleared.
10.1.2
Main features
●
Programmable free-running downcounter
●
Programmable reset
●
Reset (if Watchdog activated) when the T6 bit reaches zero
●
Optional reset on HALT instruction (configurable by option byte)
●
Hardware Watchdog selectable by option byte
10.1.3
Functional description
The counter value stored in the Watchdog Control register (WDGCR bits T[6:0]), is
decremented every 16384 fOSC2 cycles (approx.), and the length of the timeout period can
be programmed by the user in 64 increments.
If the watchdog is activated (the WDGA bit is set) and when the 7-bit timer (bits T[6:0]) rolls
over from 40h to 3Fh (T6 becomes cleared), it initiates a reset cycle pulling low the reset pin
for typically 30µs.
The application program must write in the WDGCR register at regular intervals during
normal operation to prevent an MCU reset. This downcounter is free-running: it counts down
even if the watchdog is disabled. The value to be stored in the WDGCR register must be
between FFh and C0h:
●
The WDGA bit is set (Watchdog enabled)
●
The T6 bit is set to prevent generating an immediate reset
●
The T[5:0] bits contain the number of increments which represents the time delay
before the Watchdog produces a reset (see Figure 33: Approximate timeout duration).
The timing varies between a minimum and a maximum value due to the unknown
status of the prescaler when writing to the WDGCR register (see Figure 34).
Following a reset, the watchdog is disabled. Once activated it cannot be disabled, except by
a reset.
The T6 bit can be used to generate a software reset (the WDGA bit is set and the T6 bit is
cleared).
If the Watchdog is activated, the HALT instruction generates a reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com