Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72324BK4 Datasheet(PDF) 107 Page - STMicroelectronics

Part # ST72324BK4
Description  8-bit MCU, 3.8 to 5.5 V operating range with 8 to 32 Kbyte Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72324BK4 Datasheet(HTML) 107 Page - STMicroelectronics

Back Button ST72324BK4 Datasheet HTML 103Page - STMicroelectronics ST72324BK4 Datasheet HTML 104Page - STMicroelectronics ST72324BK4 Datasheet HTML 105Page - STMicroelectronics ST72324BK4 Datasheet HTML 106Page - STMicroelectronics ST72324BK4 Datasheet HTML 107Page - STMicroelectronics ST72324BK4 Datasheet HTML 108Page - STMicroelectronics ST72324BK4 Datasheet HTML 109Page - STMicroelectronics ST72324BK4 Datasheet HTML 110Page - STMicroelectronics ST72324BK4 Datasheet HTML 111Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 188 page
background image
ST72324B
On-chip peripherals
107/188
Transmitter
The transmitter can send data words of either 8 or 9 bits depending on the M bit status.
When the M bit is set, word length is 9 bits and the 9th bit (the MSB) has to be stored in the
T8 bit in the SCICR1 register.
Character transmission
During an SCI transmission, data shifts out LSB first on the TDO pin. In this mode, the
SCIDR register consists of a buffer (TDR) between the internal bus and the transmit shift
register (see Figure 57).
Procedure
1.
Select the M bit to define the word length.
2.
Select the desired baud rate using the SCIBRR and the SCIETPR registers.
3.
Set the TE bit to assign the TDO pin to the alternate function and to send a idle frame
as first transmission.
4.
Access the SCISR register and write the data to send in the SCIDR register (this
sequence clears the TDRE bit). Repeat this sequence for each data to be transmitted.
Clearing the TDRE bit is always performed by the following software sequence:
1.
An access to the SCISR register
2.
A write to the SCIDR register
The TDRE bit is set by hardware and it indicates:
●
The TDR register is empty.
●
The data transfer is beginning.
●
The next data can be written in the SCIDR register without overwriting the previous
data.
This flag generates an interrupt if the TIE bit is set and the I bit is cleared in the CCR
register.
When a transmission is taking place, a write instruction to the SCIDR register stores the
data in the TDR register and which is copied in the shift register at the end of the current
transmission.
When no transmission is taking place, a write instruction to the SCIDR register places the
data directly in the shift register, the data transmission starts, and the TDRE bit is
immediately set.
When a frame transmission is complete (after the stop bit) the TC bit is set and an interrupt
is generated if the TCIE is set and the I bit is cleared in the CCR register.
Clearing the TC bit is performed by the following software sequence:
1.
An access to the SCISR register
2.
A write to the SCIDR register
Note:
The TDRE and TC bits are cleared by the same software sequence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com