Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72324BK4 Datasheet(PDF) 174 Page - STMicroelectronics

Part # ST72324BK4
Description  8-bit MCU, 3.8 to 5.5 V operating range with 8 to 32 Kbyte Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72324BK4 Datasheet(HTML) 174 Page - STMicroelectronics

Back Button ST72324BK4 Datasheet HTML 170Page - STMicroelectronics ST72324BK4 Datasheet HTML 171Page - STMicroelectronics ST72324BK4 Datasheet HTML 172Page - STMicroelectronics ST72324BK4 Datasheet HTML 173Page - STMicroelectronics ST72324BK4 Datasheet HTML 174Page - STMicroelectronics ST72324BK4 Datasheet HTML 175Page - STMicroelectronics ST72324BK4 Datasheet HTML 176Page - STMicroelectronics ST72324BK4 Datasheet HTML 177Page - STMicroelectronics ST72324BK4 Datasheet HTML 178Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 188 page
background image
Device configuration and ordering information
ST72324B
174/188
OPT3:1 OSCRANGE[2:0]
Oscillator range
When the resonator oscillator type is selected, these option bits select
the resonator oscillator current source corresponding to the frequency
range of the used resonator. When the external clock source is
selected, these bits are set to medium power (2 ~ 4 MHz)
.
000: Typ. frequency range (LP) = 1 ~ 2 MHz
001: Typ. frequency range (MP) = 2 ~ 4 MHz
010: Typ. frequency range (MS) = 4 ~ 8 MHz
011: Typ. frequency range (HS) = 8 ~ 16 MHz
OPT0
PLL OFF
PLL activation
This option bit activates the PLL which allows multiplication by two of
the main input clock frequency. The PLL must not be used with the
internal RC oscillator. The PLL is guaranteed only with an input
frequency between 2 and 4 MHz.
0: PLL x2 enabled
1: PLL x2 disabled
Caution: The PLL can be enabled only if the “OSCRANGE” (OPT3:1)
bits are configured to “MP - 2~4 MHz”. Otherwise, the device
functionality is not guaranteed.
Table 121.
Package selection (OPT7)
Version
Selected package
PKG1
J
LQFP44/SDIP42
1
K
LQFP32/SDIP32
0
Table 120.
Option byte 1 bit description (continued)
Bit
Name
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com