Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72324BJ4 Datasheet(PDF) 55 Page - STMicroelectronics

Part # ST72324BJ4
Description  8-bit MCU, 3.8 to 5.5 V operating range with 8 to 32 Kbyte Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72324BJ4 Datasheet(HTML) 55 Page - STMicroelectronics

Back Button ST72324BJ4 Datasheet HTML 51Page - STMicroelectronics ST72324BJ4 Datasheet HTML 52Page - STMicroelectronics ST72324BJ4 Datasheet HTML 53Page - STMicroelectronics ST72324BJ4 Datasheet HTML 54Page - STMicroelectronics ST72324BJ4 Datasheet HTML 55Page - STMicroelectronics ST72324BJ4 Datasheet HTML 56Page - STMicroelectronics ST72324BJ4 Datasheet HTML 57Page - STMicroelectronics ST72324BJ4 Datasheet HTML 58Page - STMicroelectronics ST72324BJ4 Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 188 page
background image
ST72324B
I/O ports
55/188
Figure 30.
I/O port general block diagram
Table 27.
I/O port mode options
Configuration mode
Pull-up
P-buffer
Diodes
to VDD
(1)
1.
The diode to VDD is not implemented in the true open drain pads.
to VSS
(2)
2.
A local protection between the pad and VSS is implemented to protect the device against positive stress.
Input
Floating with/without Interrupt
Off(3)
3.
Off = implemented not activated.
Off
On
On
Pull-up with/without Interrupt
On(4)
4.
On = implemented and activated.
Output
Push-pull
Off
On
Open drain (logic level)
Off
True open drain
NI
NI
NI(5)
5.
NI = not implemented
DR
DDR
OR
Pad
VDD
Alternate
enable
Alternate
output
1
0
OR SEL
DDR SEL
DR SEL
Pull-up
condition
P-buffer
(see table 24 below)
N-buffer
Pull-up
(see table 24 below)
1
0
Analog
input
If implemented
VDD
Diodes
(see table 24 below)
CMOS
Register
access
External
interrupt
source (eix)
Alternate
input
Schmitt
trigger



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com