Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72324BJ4 Datasheet(PDF) 138 Page - STMicroelectronics

Part # ST72324BJ4
Description  8-bit MCU, 3.8 to 5.5 V operating range with 8 to 32 Kbyte Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72324BJ4 Datasheet(HTML) 138 Page - STMicroelectronics

Back Button ST72324BJ4 Datasheet HTML 134Page - STMicroelectronics ST72324BJ4 Datasheet HTML 135Page - STMicroelectronics ST72324BJ4 Datasheet HTML 136Page - STMicroelectronics ST72324BJ4 Datasheet HTML 137Page - STMicroelectronics ST72324BJ4 Datasheet HTML 138Page - STMicroelectronics ST72324BJ4 Datasheet HTML 139Page - STMicroelectronics ST72324BJ4 Datasheet HTML 140Page - STMicroelectronics ST72324BJ4 Datasheet HTML 141Page - STMicroelectronics ST72324BJ4 Datasheet HTML 142Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 188 page
background image
Electrical characteristics
ST72324B
138/188
12.2.2
Current characteristics
12.2.3
Thermal characteristics
Table 83.
Current characteristics
Symbol
Ratings
Max value
Unit
IVDD
Total current into VDD power lines (source)
(1)
1.
All power (VDD) and ground (VSS) lines must always be connected to the external supply.
32-pin devices
75
mA
44-pin devices
150
IVSS
Total current out of VSS ground lines (sink)
(1)
32-pin devices
75
44-pin devices
150
IIO
Output current sunk by any standard I/O and control pin
20
Output current sunk by any high sink I/O pin
40
Output current source by any I/Os and control pin
- 25
IINJ(PIN)
(2)(3)
2.
IINJ(PIN) must never be exceeded. This is implicitly insured if VIN maximum is respected. If VIN maximum
cannot be respected, the injection current must be limited externally to the IINJ(PIN) value. A positive
injection is induced by VIN > VDD while a negative injection is induced by VIN < VSS. For true open-drain
pads, there is no positive injection current, and the corresponding VIN maximum must always be respected.
3.
Negative injection degrades the analog performance of the device. See note in Section 12.13.3: ADC
accuracy on page 166. If the current injection limits given in Table 105: General characteristics on
page 153 are exceeded, general device malfunction may result.
Injected current on VPP pin
± 5
Injected current on RESET pin
± 5
Injected current on OSC1 and OSC2 pins
± 5
Injected current on ROM and 32 Kbyte Flash devices PB0 pin
± 5
Injected current on 8/16 Kbyte Flash devices PB0 pin
+ 5
Injected current on any other pin(4)(5)
4.
When several inputs are submitted to a current injection, the maximum SIINJ(PIN) is the absolute sum of the
positive and negative injected currents (instantaneous values). These results are based on
characterization with SIINJ(PIN) maximum current injection on four I/O port pins of the device.
5.
True open drain I/O port pins do not accept positive injection.
± 5
ΣIINJ(PIN)(2) Total injected current (sum of all I/O and control pins)(4)
± 25
Table 84.
Thermal characteristics
Symbol
Ratings
Value
Unit
TSTG
Storage temperature range
-65 to +150
°C
TJ
Maximum junction temperature (see Section 13.5: Thermal characteristics)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com