Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72324BJ4 Datasheet(PDF) 151 Page - STMicroelectronics

Part # ST72324BJ4
Description  8-bit MCU, 3.8 to 5.5 V operating range with 8 to 32 Kbyte Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72324BJ4 Datasheet(HTML) 151 Page - STMicroelectronics

Back Button ST72324BJ4 Datasheet HTML 147Page - STMicroelectronics ST72324BJ4 Datasheet HTML 148Page - STMicroelectronics ST72324BJ4 Datasheet HTML 149Page - STMicroelectronics ST72324BJ4 Datasheet HTML 150Page - STMicroelectronics ST72324BJ4 Datasheet HTML 151Page - STMicroelectronics ST72324BJ4 Datasheet HTML 152Page - STMicroelectronics ST72324BJ4 Datasheet HTML 153Page - STMicroelectronics ST72324BJ4 Datasheet HTML 154Page - STMicroelectronics ST72324BJ4 Datasheet HTML 155Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 188 page
background image
ST72324B
Electrical characteristics
151/188
12.8.2
Electromagnetic interference (EMI)
Based on a simple application running on the product (toggling two LEDs through the I/O
ports), the product is monitored in terms of emission. This emission test is in line with the
norm SAE J 1752/3 which specifies the board and the loading of each pin.
Table 101.
EMS test results
Symbol
Parameter
Conditions
Level/class
VFESD
Voltage limits to be applied on any I/O pin to
induce a functional disturbance
32 Kbyte Flash or ROM device:
VDD = 5V, TA = +25°C, fOSC = 8MHz
conforms to IEC 1000-4-2
3B
8 or 16 Kbyte ROM device:
VDD = 5V, TA = +25°C, fOSC = 8MHz
conforms to IEC 1000-4-2
4A
8 or 16 Kbyte Flash device:
VDD = 5V, TA = +25°C, fOSC = 8MHz
conforms to IEC 1000-4-2
4B
VFFTB
Fast transient voltage burst limits to be
applied through 100pF on VDD and VDD pins
to induce a functional disturbance
VDD = 5V, TA = +25°C, fOSC = 8MHz
conforms to IEC 1000-4-4
4A
Table 102.
EMI emissions
Symbol
Parameter
Conditions
Device/package(1)
Monitored
frequency band
Max vs [fOSC/fCPU]
Unit
8/4 MHz
16/8 MHz
SEMI
Peak level(2)
VDD = 5V
TA = +25°C
conforming to
SAE J 1752/3
8/16 Kbyte Flash
LQFP32 and LQFP44
0.1 MHz to 30 MHz
12
18
dBµV
30 MHz to 130 MHz
19
25
130 MHz to 1 GHz
15
22
SAE EMI Level
3
3.5
-
32 Kbyte Flash
LQFP32 and LQFP44
0.1 MHz to 30 MHz
13
14
dBµV
30 MHz to 130 MHz
20
25
130 MHz to 1 GHz
16
21
SAE EMI Level
3.0
3.5
-
8/16 Kbyte ROM
LQFP32 and LQFP44
0.1 MHz to 30 MHz
12
15
dBµV
30 MHz to 130 MHz
23
26
130 MHz to 1 GHz
15
20
SAE EMI Level
3.0
3.5
-
32 Kbyte ROM
LQFP32 and LQFP44
0.1 MHz to 30 MHz
17
21
dBµV
30 MHz to 130 MHz
24
30
130 MHz to 1 GHz
18
23
SAE EMI Level
3.0
3.5
-
1.
Refer to application note AN1709 for data on other package types.
2.
Not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com