Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72324BJ4 Datasheet(PDF) 166 Page - STMicroelectronics

Part # ST72324BJ4
Description  8-bit MCU, 3.8 to 5.5 V operating range with 8 to 32 Kbyte Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72324BJ4 Datasheet(HTML) 166 Page - STMicroelectronics

Back Button ST72324BJ4 Datasheet HTML 162Page - STMicroelectronics ST72324BJ4 Datasheet HTML 163Page - STMicroelectronics ST72324BJ4 Datasheet HTML 164Page - STMicroelectronics ST72324BJ4 Datasheet HTML 165Page - STMicroelectronics ST72324BJ4 Datasheet HTML 166Page - STMicroelectronics ST72324BJ4 Datasheet HTML 167Page - STMicroelectronics ST72324BJ4 Datasheet HTML 168Page - STMicroelectronics ST72324BJ4 Datasheet HTML 169Page - STMicroelectronics ST72324BJ4 Datasheet HTML 170Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 188 page
background image
Electrical characteristics
ST72324B
166/188
12.13.3
ADC accuracy
Figure 88.
ADC accuracy characteristics
Table 112.
ADC accuracy
Symbol
Parameter
Conditions
Typ
Max(1)
Unit
ROM and
8/16 Kbyte
Flash
32 Kbyte
Flash
|ET|
Total unadjusted error(2)
CPU in run mode @ fADC 2 MHz
34
6
LSB
|EO|
Offset error(2)
23
5
|EG|
Gain error(2)
0.5
3
4.5
|ED|
Differential linearity error(2)
12
2
|EL|
Integral linearity error(2)
3
1.
Data based on characterization results, monitored in production to guarantee 99.73% within ± max value from -40°C to
125°C (± 3
σ distribution limits).
2.
ADC accuracy vs. negative injection current: Injecting negative current may reduce the accuracy of the conversion being
performed on another analog input. Any positive injection current within the limits specified for IINJ(PIN) and ΣIINJ(PIN) in
Section 12.9 does not affect the ADC accuracy.
EO
EG
1LSBIDEAL
1LSB
IDEAL
V
AREF
V
SSA
–
1024
--------------------------------------------
=
Vin (LSBIDEAL)
Digital result ADCDR
1023
1022
1021
5
4
3
2
1
0
7
6
1
234
567
1021
1023
(1)
(2)
ET
ED
EL
(3)
VAREF
VSSA
(1) Example of an actual transfer curve.
(2) The ideal transfer curve.
(3) End point correlation line.
ET = Total Unadjusted Error: maximum
deviation between the actual and the ideal
transfer curves.
EO = Offset Error: deviation between the first
actual transition and the first ideal one.
EG = Gain Error: deviation between the last
ideal transition and the last actual one.
ED = Differential Linearity Error: maximum
deviation between actual steps and the ideal
one.
EL = Integral Linearity Error: maximum
deviation between any actual transition and the
end point correlation line.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com