| Electronic Components Datasheet Search |
|
PIC18F6627IPTQTP Datasheet(PDF) 27 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F6627IPTQTP Datasheet(HTML) 27 Page - Microchip Technology |
|
27 / 448 page ![]() 2004 Microchip Technology Inc. Preliminary DS39646B-page 25 PIC18F8722 FAMILY PORTD is a bidirectional I/O port. RD0/AD0/PSP0 RD0 AD0 PSP0 72 I/O I/O I/O ST TTL TTL Digital I/O. External memory address/data 0. Parallel Slave Port data. RD1/AD1/PSP1 RD1 AD1 PSP1 69 I/O I/O I/O ST TTL TTL Digital I/O. External memory address/data 1. Parallel Slave Port data. RD2/AD2/PSP2 RD2 AD2 PSP2 68 I/O I/O I/O ST TTL TTL Digital I/O. External memory address/data 2. Parallel Slave Port data. RD3/AD3/PSP3 RD3 AD3 PSP3 67 I/O I/O I/O ST TTL TTL Digital I/O. External memory address/data 3. Parallel Slave Port data. RD4/AD4/PSP4/SDO2 RD4 AD4 PSP4 SDO2 66 I/O I/O I/O O ST TTL TTL — Digital I/O. External memory address/data 4. Parallel Slave Port data. SPI™ data out. RD5/AD5/PSP5/ SDI2/SDA2 RD5 AD5 PSP5 SDI2 SDA2 65 I/O I/O I/O I I/O ST TTL TTL ST I2C/SMB Digital I/O. External memory address/data 5. Parallel Slave Port data. SPI data in. I2C™ data I/O. RD6/AD6/PSP6/ SCK2/SCL2 RD6 AD6 PSP6 SCK2 SCL2 64 I/O I/O I/O I/O I/O ST TTL TTL ST I2C/SMB Digital I/O. External memory address/data 6. Parallel Slave Port data. Synchronous serial clock input/output for SPI mode. Synchronous serial clock input/output for I2C mode. RD7/AD7/PSP7/SS2 RD7 AD7 PSP7 SS2 63 I/O I/O I/O I ST TTL TTL TTL Digital I/O. External memory address/data 7. Parallel Slave Port data. SPI slave select input. TABLE 1-4: PIC18F8527/8622/8627/8722 PINOUT I/O DESCRIPTIONS (CONTINUED) Pin Name Pin Number Pin Type Buffer Type Description TQFP Legend: TTL = TTL compatible input CMOS = CMOS compatible input or output ST = Schmitt Trigger input with CMOS levels Analog = Analog input I = Input O = Output P= Power I2C™/SMB = I2C/SMBus input buffer Note 1: Alternate assignment for ECCP2 when configuration bit CCP2MX is cleared (all operating modes except Microcontroller mode). 2: Default assignment for ECCP2 in all operating modes (CCP2MX is set). 3: Alternate assignment for ECCP2 when CCP2MX is cleared (Microcontroller mode only). 4: Default assignment for P1B/P1C/P3B/P3C (ECCPMX is set). 5: Alternate assignment for P1B/P1C/P3B/P3C (ECCPMX is clear). |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |