Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F6627IPTSQTP Datasheet(PDF) 79 Page - Microchip Technology

Part # PIC18F6627IPTSQTP
Description  64/80-Pin, 1-Mbit, Enhanced Flash Microcontrollers with 10-bit A/D and nanoWatt Technology
PDF  448 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F6627IPTSQTP Datasheet(HTML) 79 Page - Microchip Technology

Back Button PIC18F6627IPTSQTP Datasheet HTML 75Page - Microchip Technology PIC18F6627IPTSQTP Datasheet HTML 76Page - Microchip Technology PIC18F6627IPTSQTP Datasheet HTML 77Page - Microchip Technology PIC18F6627IPTSQTP Datasheet HTML 78Page - Microchip Technology PIC18F6627IPTSQTP Datasheet HTML 79Page - Microchip Technology PIC18F6627IPTSQTP Datasheet HTML 80Page - Microchip Technology PIC18F6627IPTSQTP Datasheet HTML 81Page - Microchip Technology PIC18F6627IPTSQTP Datasheet HTML 82Page - Microchip Technology PIC18F6627IPTSQTP Datasheet HTML 83Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 448 page
background image
 2004 Microchip Technology Inc.
Preliminary
DS39646B-page 77
PIC18F8722 FAMILY
STATUS
—
—
—N
OV
Z
DC
C
---x xxxx
58, 80
TMR0H
Timer0 Register High Byte
0000 0000
58, 163
TMR0L
Timer0 Register Low Byte
xxxx xxxx
58, 163
T0CON
TMR0ON
T08BIT
T0CS
T0SE
PSA
T0PS2
T0PS1
T0PS0
1111 1111
58, 161
OSCCON
IDLEN
IRCF2
IRCF1
IRCF0
OSTS
IOFS
SCS1
SCS0
0100 q000
39, 58
HLVDCON
VDIRMAG
—
IRVST
HLVDEN
HLVDL3
HLVDL2
HLVDL1
HLVDL0
0-00 0101
58, 291
WDTCON
—
—
—
—
—
—
—SWDTEN
--- ---0
58, 313
RCON
IPEN
SBOREN(1)
—RI
TO
PD
POR
BOR
0q-1 11q0
50, 56,
58, 133
TMR1H
Timer1 Register High Byte
xxxx xxxx
58, 169
TMR1L
Timer1 Register Low Byte
xxxx xxxx
58, 169
T1CON
RD16
T1RUN
T1CKPS1
T1CKPS0
T1OSCEN
T1SYNC
TMR1CS
TMR1ON
0000 0000
58, 165
TMR2
Timer2 Register
0000 0000
58, 172
PR2
Timer2 Period Register
1111 1111
58, 172
T2CON
—
T2OUTPS3
T2OUTPS2
T2OUTPS1
T2OUTPS0
TMR2ON
T2CKPS1
T2CKPS0
-000 0000
58, 171
SSP1BUF
MSSP1 Receive Buffer/Transmit Register
xxxx xxxx
58, 169,
170
SSP1ADD
MSSP1 Address Register in I2C™ Slave mode. MSSP1 Baud Rate Reload Register in I2C Master mode.
0000 0000
58, 170
SSP1STAT
SMP
CKE
D/A
PS
R/W
UA
BF
0000 0000
58, 162,
171
SSP1CON1
WCOL
SSPOV
SSPEN
CKP
SSPM3
SSPM2
SSPM1
SSPM0
0000 0000
58, 163,
172
SSP1CON2
GCEN
ACKSTAT
ACKDT
ACKEN
RCEN
PEN
RSEN
SEN
0000 0000
58, 173
ADRESH
A/D Result Register High Byte
xxxx xxxx
59, 280
ADRESL
A/D Result Register Low Byte
xxxx xxxx
59, 280
ADCON0
—
—
CHS3
CHS2
CHS1
CHS0
GO/DONE
ADON
--00 0000
59, 271
ADCON1
—
—
VCFG1
VCFG0
PCFG3
PCFG2
PCFG1
PCFG0
--00 0000
59, 272
ADCON2
ADFM
—
ACQT2
ACQT1
ACQT0
ADCS2
ADCS1
ADCS0
0-00 0000
59, 273
CCPR1H
Enhanced Capture/Compare/PWM Register 1 High Byte
xxxx xxxx
59, 180
CCPR1L
Enhanced Capture/Compare/PWM Register 1 Low Byte
xxxx xxxx
59, 180
CCP1CON
P1M1
P1M0
DC1B1
DC1B0
CCP1M3
CCP1M2
CCP1M1
CCP1M0
0000 0000
59, 187
CCPR2H
Enhanced Capture/Compare/PWM Register 2 High Byte
xxxx xxxx
59, 180
CCPR2L
Enhanced Capture/Compare/PWM Register 2 Low Byte
xxxx xxxx
59, 180
CCP2CON
P2M1
P2M0
DC2B1
DC2B0
CCP2M3
CCP2M2
CCP2M1
CCP2M0
0000 0000
59, 179
CCPR3H
Enhanced Capture/Compare/PWM Register 3 High Byte
xxxx xxxx
59, 180
CCPR3L
Enhanced Capture/Compare/PWM Register 3 Low Byte
xxxx xxxx
59, 180
CCP3CON
P3M1
P3M0
DC3B1
DC3B0
CCP3M3
CCP3M2
CCP3M1
CCP3M0
0000 0000
59, 179
ECCP1AS
ECCP1ASE
ECCP1AS2
ECCP1AS1
ECCP1AS0
PSS1AC1
PSS1AC0
PSS1BD1
PSS1BD0
0000 0000
59, 201
CVRCON
CVREN
CVROE
CVRR
CVRSS
CVR3
CVR2
CVR1
CVR0
0000 0000
59, 287
CMCON
C2OUT
C1OUT
C2INV
C1INV
CIS
CM2
CM1
CM0
0000 0111
59, 281
TMR3H
Timer3 Register High Byte
xxxx xxxx
59, 175
TMR3L
Timer3 Register Low Byte
xxxx xxxx
59, 175
T3CON
RD16
T3CCP2
T3CKPS1
T3CKPS0
T3CCP1
T3SYNC
TMR3CS
TMR3ON
0000 0000
59, 173
TABLE 5-3:
REGISTER FILE SUMMARY (CONTINUED)
File Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Details
on page:
Legend:
x
= unknown, u = unchanged, - = unimplemented, q = value depends on condition
Note
1:
The SBOREN bit is only available when the BOREN1:BOREN0 configuration bits = 01; otherwise, this bit reads as ‘0’.
2:
These registers and/or bits are not implemented on 64-pin devices and are read as
‘0’. Reset values are shown for 80-pin devices;
individual unimplemented bits should be interpreted as ‘-’.
3:
The PLLEN bit is only available in specific oscillator configuration; otherwise, it is disabled and reads as
‘0’. See Section 2.6.4 “PLL in
INTOSC Modes”.
4:
RA6/RA7 and their associated latch and direction bits are individually configured as port pins based on various primary oscillator modes.
When disabled, these bits read as ‘0’.
5:
RG5 and LATG5 are only available when Master Clear is disabled (MCLRE configuration bit = 0); otherwise, RG5 and LATG5 read as
‘0’.
6:
Bit 7 and Bit 6 are cleared by user software or by a POR.
7:
Bit 21 of TBLPTRU allows access to the device configuration bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com