Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KSC400DLE4CF Datasheet(PDF) 1 Page - Schneider Electric

Part # KSC400DLE4CF
Description  Canalis KSA(ALUMINIUM)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

KSC400DLE4CF Datasheet(HTML) 1 Page - Schneider Electric

  KSC400DLE4CF Datasheet HTML 1Page - Schneider Electric KSC400DLE4CF Datasheet HTML 2Page - Schneider Electric KSC400DLE4CF Datasheet HTML 3Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Elbow, Canalis KSC400, copper,
400A, sides A/B made to measure,
1 fire barrier, to go upward,
3L+N+PE, 3L+PE, RAL9001
KSC400DLE4CF
기본항목
제품의 범위
Canalis
제품명
KS
모델명
KSC
offer type
Standard
제품 또는 구성요소 타입
Elbow
버스바 설명
Fire barrier 위에,중에 made to measure only one side)
제품 호환성
Canalis KSC busbar trunking 400 A
Application
Change direction
Conductors material
구리
버스바 중계 극성
3L + N + PE
3L + PE
[Ie]
정격 운전 전류
400 A 에서 35 °C
IP
등급
IP55 conforming to IEC 60529
[Ue]
정격 운전 전압
230...690 V
네트워크 주파수
50/60 Hz
operating angle
90 °
direction change type
1 edgewise upward -
색상
백색 RAL 9001)
제원 타입
Made to measure
전기적/기계적 특성
길이
250…745 mm A
250…745 mm B
너비
63 mm
높이
147 mm
마운팅 위치
On trunking
마운팅포지션
각 포지션
전기적 연결
Lubricated sliding contact
마운팅 모드
스크류들에 의함
표준
IEC 61439-1
IEC 61439-6
사용환경
제품 데이터 시트
사양
2024. 12. 16.
1


Similar Part No. - KSC400DLE4CF

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
KSC400DLE40 SCHNEIDER-KSC400DLE40 Datasheet
262Kb / 3P
Canalis KSA(ALUMINIUM)
2024. 12. 16.
KSC400DLE4A SCHNEIDER-KSC400DLE4A Datasheet
252Kb / 3P
Canalis KSA(ALUMINIUM)
2024. 12. 16.
More results

Similar Description - KSC400DLE4CF

ManufacturerPart #DatasheetDescription
logo
C&K Components
BTNK0250 CK-COMPONENTS-BTNK0250 Datasheet
272Kb / 6P
KSA & KSL Series Sealed Tact Switch
logo
Analog Devices
KSA1M211 AD-KSA1M211 Datasheet
249Kb / 5P
KSA & KSL Series Sealed Tact Switch
logo
C&K Components
KSA0M211 CK-COMPONENTS-KSA0M211_13 Datasheet
249Kb / 5P
KSA KSL Series Sealed Tact Switch
logo
FIBOX Enclosing innovat...
7811210 FIBOX-7811210 Datasheet
60Kb / 2P
Enclosure, aluminium
11.01.202
7811270 FIBOX-7811270 Datasheet
60Kb / 2P
Enclosure, aluminium
11.01.2023
7811290 FIBOX-7811290 Datasheet
59Kb / 2P
Enclosure, aluminium
11.01.2023
7811370 FIBOX-7811370 Datasheet
442Kb / 2P
Enclosure, aluminium
11.01.2023
7811380 FIBOX-7811380 Datasheet
58Kb / 2P
Enclosure, aluminium
11.01.2023
7811390 FIBOX-7811390 Datasheet
439Kb / 2P
Enclosure, aluminium
11.01.2023
7811250 FIBOX-7811250 Datasheet
40Kb / 1P
Enclosure, aluminium
11.08.2023
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com