Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F8722IPTSQTP Datasheet(PDF) 81 Page - Microchip Technology

Part # PIC18F8722IPTSQTP
Description  64/80-Pin, 1-Mbit, Enhanced Flash Microcontrollers with 10-bit A/D and nanoWatt Technology
PDF  448 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F8722IPTSQTP Datasheet(HTML) 81 Page - Microchip Technology

Back Button PIC18F8722IPTSQTP Datasheet HTML 77Page - Microchip Technology PIC18F8722IPTSQTP Datasheet HTML 78Page - Microchip Technology PIC18F8722IPTSQTP Datasheet HTML 79Page - Microchip Technology PIC18F8722IPTSQTP Datasheet HTML 80Page - Microchip Technology PIC18F8722IPTSQTP Datasheet HTML 81Page - Microchip Technology PIC18F8722IPTSQTP Datasheet HTML 82Page - Microchip Technology PIC18F8722IPTSQTP Datasheet HTML 83Page - Microchip Technology PIC18F8722IPTSQTP Datasheet HTML 84Page - Microchip Technology PIC18F8722IPTSQTP Datasheet HTML 85Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 448 page
background image
 2004 Microchip Technology Inc.
Preliminary
DS39646B-page 79
PIC18F8722 FAMILY
PORTJ(2)
RJ7
RJ6
RJ5
RJ4
RJ3
RJ2
RJ1
RJ0
xxxx xxxx
60, 156
PORTH(2)
RH7
RH6
RH5
RH4
RH3
RH2
RH1
RH0
0000 xxxx
60, 154
PORTG
—
—RG5(5)
RG4
RG3
RG2
RG1
RG0
--xx xxxx
60, 151
PORTF
RF7
RF6
RF5
RF4
RF3
RF2
RF1
RF0
x000 0000
60, 149
PORTE
RE7
RE6
RE5
RE4
RE3
RE2
RE1
RE0
xxxx xxxx
60, 146
PORTD
RD7
RD6
RD5
RD4
RD3
RD2
RD1
RD0
xxxx xxxx
60, 143
PORTC
RC7
RC6
RC5
RC4
RC3
RC2
RC1
RC0
xxxx xxxx
60, 140
PORTB
RB7
RB6
RB5
RB4
RB3
RB2
RB1
RB0
xxxx xxxx
60, 137
PORTA
RA7(4)
RA6(4)
RA5
RA4
RA3
RA2
RA1
RA0
xx0x 0000
61, 135
SPBRGH1
EUSART1 Baud Rate Generator Register High Byte
0000 0000
61, 252
BAUDCON1
ABDOVF
RCIDL
—
SCKP
BRG16
—WUE
ABDEN
01-0 0-00
61, 250
SPBRGH2
EUSART2 Baud Rate Generator Register High Byte
0000 0000
61, 252
BAUDCON2
ABDOVF
RCIDL
—
SCKP
BRG16
—WUE
ABDEN
01-0 0-00
61, 250
ECCP1DEL
P1RSEN
P1DC6
P1DC5
P1DC4
P1DC3
P1DC2
P1DC1
P1DC0
0000 0000
61, 200
TMR4
Timer4 Register
0000 0000
61, 178
PR4
Timer4 Period Register
1111 1111
61, 178
T4CON
—
T4OUTPS3
T4OUTPS2
T4OUTPS1
T4OUTPS0
TMR4ON
T4CKPS1
T4CKPS0
-000 0000
61, 178
CCPR4H
Capture/Compare/PWM Register 4 High Byte
xxxx xxxx
61, 180
CCPR4L
Capture/Compare/PWM Register 4 Low Byte
xxxx xxxx
61, 180
CCP4CON
—
—
DC4B1
DC4B0
CCP4M3
CCP4M2
CCP4M1
CCP4M0
--00 0000
61, 179
CCPR5H
Capture/Compare/PWM Register 5 High Byte
xxxx xxxx
61, 180
CCPR5L
Capture/Compare/PWM Register 5 Low Byte
xxxx xxxx
61, 180
CCP5CON
—
—
DC5B1
DC5B0
CCP5M3
CCP5M2
CCP5M1
CCP5M0
--00 0000
61, 179
SPBRG2
EUSART2 Baud Rate Generator Register Low Byte
0000 0000
61, 252
RCREG2
EUSART2 Receive Register
0000 0000
61, 260
TXREG2
EUSART2 Transmit Register
0000 0000
61, 257
TXSTA2
CSRC
TX9
TXEN
SYNC
SENDB
BRGH
TRMT
TX9D
0000 0010
61, 248
RCSTA2
SPEN
RX9
SREN
CREN
ADDEN
FERR
OERR
RX9D
0000 000x
61, 249
ECCP3AS
ECCP3ASE
ECCP3AS2
ECCP3AS1
ECCP3AS0
PSS3AC1
PSS3AC0
PSS3BD1
PSS3BD0
0000 0000
61, 201
ECCP3DEL
P3RSEN
P3DC6
P3DC5
P3DC4
P3DC3
P3DC2
P3DC1
P3DC0
0000 0000
61, 200
ECCP2AS
ECCP2ASE
ECCP2AS2
ECCP2AS1
ECCP2AS0
PSS2AC1
PSS2AC0
PSS2BD1
PSS2BD0
0000 0000
61, 201
ECCP2DEL
P2RSEN
P2DC6
P2DC5
P2DC4
P2DC3
P2DC2
P2DC1
P2DC0
0000 0000
61, 200
SSP2BUF
MSSP2 Receive Buffer/Transmit Register
xxxx xxxx
61, 170
SSP2ADD
MSSP2 Address Register in I2C™ Slave mode. MSSP2 Baud Rate Reload Register in I2C Master mode.
0000 0000
61, 170
SSP2STAT
SMP
CKE
D/A
PS
R/W
UA
BF
0000 0000
61, 216
SSP2CON1
WCOL
SSPOV
SSPEN
CKP
SSPM3
SSPM2
SSPM1
SSPM0
0000 0000
61, 217
SSP2CON2
GCEN
ACKSTAT
ACKDT
ACKEN
RCEN
PEN
RSEN
SEN
0000 0000
61, 218
TABLE 5-3:
REGISTER FILE SUMMARY (CONTINUED)
File Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Details
on page:
Legend:
x
= unknown, u = unchanged, - = unimplemented, q = value depends on condition
Note
1:
The SBOREN bit is only available when the BOREN1:BOREN0 configuration bits = 01; otherwise, this bit reads as ‘0’.
2:
These registers and/or bits are not implemented on 64-pin devices and are read as
‘0’. Reset values are shown for 80-pin devices;
individual unimplemented bits should be interpreted as ‘-’.
3:
The PLLEN bit is only available in specific oscillator configuration; otherwise, it is disabled and reads as
‘0’. See Section 2.6.4 “PLL in
INTOSC Modes”.
4:
RA6/RA7 and their associated latch and direction bits are individually configured as port pins based on various primary oscillator modes.
When disabled, these bits read as ‘0’.
5:
RG5 and LATG5 are only available when Master Clear is disabled (MCLRE configuration bit = 0); otherwise, RG5 and LATG5 read as
‘0’.
6:
Bit 7 and Bit 6 are cleared by user software or by a POR.
7:
Bit 21 of TBLPTRU allows access to the device configuration bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com