Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VABF-S4-2-R2C2-C-10E Datasheet(PDF) 1 Page - Festo Corporation.

Part # VABF-S4-2-R2C2-C-10E
Description  Regulator plate
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

VABF-S4-2-R2C2-C-10E Datasheet(HTML) 1 Page - Festo Corporation.

  VABF-S4-2-R2C2-C-10E Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Regulator plate
VABF-S4-2-R2C2-C-10E
Part number: 560763
General operating condition
Data sheet
Feature
Value
Width
18 mm
Based on norm
ISO 15407-2
Mounting position
Any
Controller function
Outlet pressure constant
With secondary exhausting
Symbol
00991581
Optional pressure gauge
Possible
Operating pressure
1 MPa
Operating pressure
10 bar
Pressure regulation range MPa
0.2 MPa ... 0.85 MPa
Pressure regulation range
2 bar ... 8.5 bar
Pressure regulation range psi
29 psi ... 123.25 psi
Inlet pressure 1
0.5 bar ... 10 bar
CE marking (see declaration of conformity)
As per EU low voltage directive
UKCA marking (see declaration of conformity)
To UK instructions for electrical equipment
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Corrosion resistance class (CRC)
0 - No corrosion stress
LABS (PWIS) conformity
VDMA24364-B1/B2-L
Degree of protection
IP65
NEMA 4
Pilot medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Ambient temperature
-5 °C ... 50 °C
Product weight
410 g
Vertical stacking mounting type
On manifold sub-base
On individual sub-base
Pressure gauge connection
With retaining clamp
Material of operator panel
PA
Controller housing material
Die-cast aluminum
12/25/24 - Subject to change - Festo SE & Co. KG
1/1


Similar Part No. - VABF-S4-2-R2C2-C-10E

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
VABF-S4-2-R2C2-C-6 FESTO-VABF-S4-2-R2C2-C-6 Datasheet
127Kb / 1P
Regulator plate
More results

Similar Description - VABF-S4-2-R2C2-C-10E

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
5395254 FESTO-5395254 Datasheet
46Kb / 1P
Blind plate
7/21/22
18880 FESTO-18880 Datasheet
65Kb / 1P
End plate
7/31/22
533372 FESTO-533372 Datasheet
75Kb / 1P
End plate
7/31/22
560956 FESTO-560956 Datasheet
58Kb / 1P
Plate
8/1/2
560957 FESTO-560957 Datasheet
74Kb / 1P
Plate
8/2/22
560955 FESTO-560955 Datasheet
67Kb / 1P
Plate
8/4/22
560959 FESTO-560959 Datasheet
75Kb / 1P
Plate
8/4/22
576559 FESTO-576559 Datasheet
83Kb / 1P
End plate
8/7/22
576560 FESTO-576560 Datasheet
62Kb / 1P
End plate
8/7/22
576492 FESTO-576492 Datasheet
82Kb / 1P
Supply plate
8/8/22
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com