Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18LF8627IPTSQTP Datasheet(PDF) 13 Page - Microchip Technology

Part # PIC18LF8627IPTSQTP
Description  64/80-Pin, 1-Mbit, Enhanced Flash Microcontrollers with 10-bit A/D and nanoWatt Technology
PDF  448 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LF8627IPTSQTP Datasheet(HTML) 13 Page - Microchip Technology

Back Button PIC18LF8627IPTSQTP Datasheet HTML 9Page - Microchip Technology PIC18LF8627IPTSQTP Datasheet HTML 10Page - Microchip Technology PIC18LF8627IPTSQTP Datasheet HTML 11Page - Microchip Technology PIC18LF8627IPTSQTP Datasheet HTML 12Page - Microchip Technology PIC18LF8627IPTSQTP Datasheet HTML 13Page - Microchip Technology PIC18LF8627IPTSQTP Datasheet HTML 14Page - Microchip Technology PIC18LF8627IPTSQTP Datasheet HTML 15Page - Microchip Technology PIC18LF8627IPTSQTP Datasheet HTML 16Page - Microchip Technology PIC18LF8627IPTSQTP Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 448 page
background image
 2004 Microchip Technology Inc.
Preliminary
DS39646B-page 11
PIC18F8722 FAMILY
FIGURE 1-1:
PIC18F6527/6622/6627/6722 (64-PIN) BLOCK DIAGRAM
Instruction
Decode and
Control
PORTA
Data Latch
Data Memory
(3.9 Kbytes)
Address Latch
Data Address<12>
12
Access
BSR
FSR0
FSR1
FSR2
inc/dec
logic
Address
4
12
4
PCH
PCL
PCLATH
8
31 Level Stack
Program Counter
PRODL
PRODH
8 x 8 Multiply
8
BITOP
8
8
ALU<8>
Address Latch
Program Memory
(48/64/96/128
Data Latch
20
8
8
Table Pointer<21>
inc/dec logic
21
8
Data Bus<8>
Table Latch
8
IR
12
3
PCLATU
PCU
Note
1:
See Table 1-3 for I/O port pin descriptions.
2:
RG5 is only available when MCLR functionality is disabled.
3:
OSC1/CLKI and OSC2/CLKO are only available in select oscillator modes and when these pins are not being used as
digital I/O. Refer to Section 2.0 “Oscillator Configurations” for additional information.
EUSART1
Comparators
MSSP1
Timer2
Timer1
Timer3
Timer0
HLVD
ECCP1
BOR
ADC
10-bit
W
Instruction Bus <16>
STKPTR
Bank
8
State Machine
Control Signals
Decode
8
8
Power-up
Timer
Oscillator
Start-up Timer
Power-on
Reset
Watchdog
Timer
OSC1(3)
OSC2(3)
VDD,
Brown-out
Reset
Internal
Oscillator
Fail-Safe
Clock Monitor
Precision
Reference
Band Gap
VSS
MCLR(2)
Block
INTRC
Oscillator
8 MHz
Oscillator
Single-Supply
Programming
In-Circuit
Debugger
T1OSI
T1OSO
EUSART2
ECCP2
ROM Latch
ECCP3
MSSP2
CCP4
CCP5
PORTC
PORTD
PORTE
PORTF
PORTG
RA0:RA7(1)
RC0:RC7(1)
RD0:RD7(1)
RE0:RE7(1)
RF0:RF7(1)
RG0:RG5(1)
PORTB
RB0:RB7(1)
Timer4
Kbytes)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com