Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IRF6217TRPBF. Datasheet(PDF) 2 Page - International Rectifier

Part # IRF6217TRPBF.
Description  SMPS MOSFET HEXFET짰Power MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF6217TRPBF. Datasheet(HTML) 2 Page - International Rectifier

  IRF6217TRPBF. Datasheet HTML 1Page - International Rectifier IRF6217TRPBF. Datasheet HTML 2Page - International Rectifier IRF6217TRPBF. Datasheet HTML 3Page - International Rectifier IRF6217TRPBF. Datasheet HTML 4Page - International Rectifier IRF6217TRPBF. Datasheet HTML 5Page - International Rectifier IRF6217TRPBF. Datasheet HTML 6Page - International Rectifier IRF6217TRPBF. Datasheet HTML 7Page - International Rectifier IRF6217TRPBF. Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
IRF6217PbF
2
www.irf.com
Parameter
Min. Typ. Max. Units
Conditions
gfs
Forward Transconductance
0.55
–––
–––
S
VDS = -50V, ID = -0.42A
Qg
Total Gate Charge
–––
6.0
9.0
ID = -0.42A
Qgs
Gate-to-Source Charge
–––
1.6
2.4
nC
VDS = -120V
Qgd
Gate-to-Drain ("Miller") Charge
–––
2.8
4.2
VGS = -10V,
td(on)
Turn-On Delay Time
–––
12
–––
VDD = -75V
tr
Rise Time
–––
7.2
–––
ID = -0.42A
td(off)
Turn-Off Delay Time
–––
14
–––
RG = 6.2Ω
tf
Fall Time
–––
16
–––
VGS = -10V
ƒ
Ciss
Input Capacitance
–––
150
–––
VGS = 0V
Coss
Output Capacitance
–––
30
–––
VDS = -25V
Crss
Reverse Transfer Capacitance
–––
10
–––
pF
ƒ = 1.0KHz
Coss
Output Capacitance
–––
150
–––
VGS = 0V, VDS = -1.0V, ƒ = 1.0KHz
Coss
Output Capacitance
–––
15
–––
VGS = 0V, VDS = -120V, ƒ = 1.0KHz
Coss eff.
Effective Output Capacitance
–––
45
–––
VGS = 0V, VDS = 0V to -120V
Dynamic @ TJ = 25°C (unless otherwise specified)
ns
Parameter
Typ.
Max.
Units
EAS
Single Pulse Avalanche Energy
‚
–––
15
mJ
IAR
Avalanche Current

–––
-1.4
A
Avalanche Characteristics
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
–––
–––
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode)

–––
–––
p-n junction diode.
VSD
Diode Forward Voltage
–––
–––
-1.6
V
TJ = 25°C, IS = -0.42A, VGS = 0V
ƒ
trr
Reverse Recovery Time
–––
51
77
ns
TJ = 25°C, IF = -0.42A
Qrr
Reverse RecoveryCharge
–––
86
130
nC
di/dt = -100A/µs
ƒ
Diode Characteristics
-1.8
-5.0
A
Static @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
-150
–––
–––
V
VGS = 0V, ID = -250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
–––
-0.17 ––– V/°C
Reference to 25°C, ID = -1mA
ƒ
RDS(on)
Static Drain-to-Source On-Resistance
–––
–––
2.4
Ω
VGS = -10V, ID = -0.42A
ƒ
VGS(th)
Gate Threshold Voltage
-3.0
–––
-5.0
V
VDS = VGS, ID = -250µA
–––
–––
-25
µA
VDS = -150V, VGS = 0V, TJ = 25°C
–––
–––
-250
VDS = -120V, VGS = 0V, TJ = 125°C
Gate-to-Source Forward Leakage
–––
–––
-100
VGS = -20V
Gate-to-Source Reverse Leakage
–––
–––
100
nA
VGS = 20V
IGSS
IDSS
Drain-to-Source Leakage Current
S
D
G



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com