Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LRI64-A7T Datasheet(PDF) 22 Page - STMicroelectronics

Part # LRI64-A7T
Description  Memory TAG IC at 13.56 MHz, with 64-bit Unique ID and WORM user area, ISO15693 and ISO18000-3 Mode 1 compliant
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRI64-A7T Datasheet(HTML) 22 Page - STMicroelectronics

Back Button LRI64-A7T Datasheet HTML 18Page - STMicroelectronics LRI64-A7T Datasheet HTML 19Page - STMicroelectronics LRI64-A7T Datasheet HTML 20Page - STMicroelectronics LRI64-A7T Datasheet HTML 21Page - STMicroelectronics LRI64-A7T Datasheet HTML 22Page - STMicroelectronics LRI64-A7T Datasheet HTML 23Page - STMicroelectronics LRI64-A7T Datasheet HTML 24Page - STMicroelectronics LRI64-A7T Datasheet HTML 25Page - STMicroelectronics LRI64-A7T Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 52 page
background image
Modes
LRI64
22/52
13
Modes
The term mode refers to the mechanism for specifying, in a Request, the set of LRI64
devices that shall answer to the Request.
13.1
Addressed mode
When the Address_flag is set to 1 (Addressed mode), the Request contains the Unique ID
(UID) of the addressed LRI64 device (such as an LRI64 device). Any LRI64 receiving a
Request in which the Address_flag is set to 1, compares the received Unique ID to its own
UID. If it matches, it execute the Request (if possible) and returns a Response to the VCD,
as specified by the command description. If it does not match, the LRI64 device remains
silent.
13.2
Non-addressed mode (General Request)
When the Address_flag is set to 0 (Non-addressed mode), the Request does not contain a
Unique ID field. Any LRI64 device receiving a Request in which the Address_flag is set to 0,
executes the Request and returns a Response to the VCD as specified by the command
description.
Figure 19.
LRI64 state transition diagram
AI09723
Power Off
In field
Out of
field
Write, Read, Get_System_Info
in addressed mode
Stay quiet(UID)
Out of
field
Inventory (if UID written)
Write, Read, Get_System_Info
in addressed and
non-addressed modes
Ready
Quiet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com