Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KIT-SEN-ACT Datasheet(PDF) 16 Page - AG Electronica

Part # KIT-SEN-ACT
Description  Kit De Sensores Y Actuadores Compatibles Con Ardui
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGELECTRONICA [AG Electronica]
Direct Link  https://www.agelectronica.com/
Logo AGELECTRONICA - AG Electronica

KIT-SEN-ACT Datasheet(HTML) 16 Page - AG Electronica

Back Button KIT-SEN-ACT Datasheet HTML 12Page - AG Electronica KIT-SEN-ACT Datasheet HTML 13Page - AG Electronica KIT-SEN-ACT Datasheet HTML 14Page - AG Electronica KIT-SEN-ACT Datasheet HTML 15Page - AG Electronica KIT-SEN-ACT Datasheet HTML 16Page - AG Electronica KIT-SEN-ACT Datasheet HTML 17Page - AG Electronica KIT-SEN-ACT Datasheet HTML 18Page - AG Electronica KIT-SEN-ACT Datasheet HTML 19Page - AG Electronica KIT-SEN-ACT Datasheet HTML 20Page - AG Electronica Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 50 page
background image
Especificaciones:
 Colores: Verde + Rojo Diámetro: 3mm
 Tipo: Difusión Voltaje (V) :2.0-2 .5
 Corriente (mA): 10 Angulo de visión: 150
 Longitud de onda (NM): 571 +644
 Intensidad luminosa (MCD) :20-40; 40-80
Conexión:
Arduino pin 10 --> resistencia de 330 Ohm --> Pin de señal del módulo.
Arduino pin 11 --> resistencia de 330 Ohm --> Pin medio del módulo.
Arduino GND --> Pin GND del módulo.
Código:
int redpin = 11; // select the pin for the red LED
int greenpin = 10; // select the pin for the green LED int val;
void setup () {
pinMode (redpin, OUTPUT); pinMode (greenpin, OUTPUT);
}
void loop () {
for (val = 255; val> 0; val--)
{
analogWrite (greenpin, val); analogWrite (redpin, 255-val); delay (15);
}
for (val = 0; val <255; val++)
{
analogWrite (greenpin, val); analogWrite (redpin, 255-val); delay (15);
}
}
Arduino KY-011: Modulo LED bicolor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com