Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XC6401EF01ML Datasheet(PDF) 6 Page - Torex Semiconductor

Part # XC6401EF01ML
Description  Dual LDO Regulators, Low ESR Cap. Compatible
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6401EF01ML Datasheet(HTML) 6 Page - Torex Semiconductor

Back Button XC6401EF01ML Datasheet HTML 2Page - Torex Semiconductor XC6401EF01ML Datasheet HTML 3Page - Torex Semiconductor XC6401EF01ML Datasheet HTML 4Page - Torex Semiconductor XC6401EF01ML Datasheet HTML 5Page - Torex Semiconductor XC6401EF01ML Datasheet HTML 6Page - Torex Semiconductor XC6401EF01ML Datasheet HTML 7Page - Torex Semiconductor XC6401EF01ML Datasheet HTML 8Page - Torex Semiconductor XC6401EF01ML Datasheet HTML 9Page - Torex Semiconductor XC6401EF01ML Datasheet HTML 10Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
6/24
XC6401 Series
■
OPERATIONAL EXPLANATION
<
Output Voltage Control>
The voltage divided by resistors R1 & R2 is compared with the internal reference voltage by the error amplifier. The
P-channel MOSFETs, which are connected to the VOUT1 and VOUT2 pins, are then driven by the subsequent output
signal. The output voltages at the VOUT1 and VOUT2 pins are controlled and stabilized by a system of negative
feedback. The current limit circuit and short protect circuit operate in relation to the level of output current. Further, the
IC's internal circuitry can be shutdown via the EN pin's signal.
<
Low ESR Capacitors>
With the XC6401 series, a stable output voltage is achievable even if used with low ESR capacitors as a phase
compensation circuit is built-in. In order to ensure the effectiveness of the phase compensation, we suggest that output
capacitors (CL1, CL2) is connected as close as possible to the output pins (VOUT1 and VOUT2) and the VSS pin.
Please use an output capacitor with a capacitance value of at least 1μF. Also, please connect an input capacitor (CIN) of
1μF between the VIN pin and the VSS pin in order to ensure a stable power input.
<
Current Limiter, Short-Circuit Protection>
The XC6401 series includes a combination of a fixed current limiter circuit & a foldback circuit which aid the operations of
the current limiter and circuit protection. When the load current reaches the current limit level, the fixed current limiter
circuit operates and output voltage drops. As a result of this drop in output voltage, the foldback circuit operates, output
voltage drops further and output current decreases. When the output pin is shorted, a current of about 30mA flows.
<
EN Pins>
The IC's internal circuitry can be shutdown via the signal from the EN1 and EN2 pins with the XC6401 series. In
shutdown mode, output at the VOUT1 and VOUT2 pins will be pulled down to the VSS level via R11 & R12 and R21 & R22.
The operational logic of the IC's EN1 and EN2 pins are selectable (please refer to the selection guide). Note that as the
standard XC6401FF type's regulator 1 and 2 are both ' High Active/No Pull Down', operations will become unstable with
the EN1 or EN2 pins open. Although the EN1 and EN2 pins are equal to an inverter input with CMOS hysteresis, with
either the pull-up or pull-down options, the EN1 and EN2 pins input current will increase when the IC is in operation.
We suggest that you use this IC with either a VIN voltage or a VSS voltage input at the EN1 and EN2 pins. If this IC is
used with the correct specifications for the EN1 and EN2 pins, the operational logic is fixed and the IC will operate
normally. However, supply current may increase as a result of through current in the IC's internal circuitry.
1. Please use this IC within the stated absolute maximum ratings.
The IC is liable to malfunction should the ratings be exceeded.
2. Where wiring impedance is high, operations may become unstable due to noise and/or phase lag
depending on output current. Please keep the resistance low between VIN and VSS wiring in particular.
3. Please wire the input capacitor (CIN) and the output capacitors (CL1, CL2) as close to the IC as possible.
■
NOTES ON USE
VR1
each
circuit
ON/OFF
Control
Error
Amp1
-
+
Voltage
Reference
ON/OFF
Control
Current
Limit
VR2
each
circuit
Error
Amp2
-
+
Current
Limit
EN1
VIN
VSS
EN2
VOUT1
VOUT2
R11
R12
R21
R22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com