Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NPE405L Datasheet(PDF) 39 Page - Applied Micro Circuits Corporation

Part # NPE405L
Description  PowerNP
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

NPE405L Datasheet(HTML) 39 Page - Applied Micro Circuits Corporation

Back Button NPE405L Datasheet HTML 35Page - Applied Micro Circuits Corporation NPE405L Datasheet HTML 36Page - Applied Micro Circuits Corporation NPE405L Datasheet HTML 37Page - Applied Micro Circuits Corporation NPE405L Datasheet HTML 38Page - Applied Micro Circuits Corporation NPE405L Datasheet HTML 39Page - Applied Micro Circuits Corporation NPE405L Datasheet HTML 40Page - Applied Micro Circuits Corporation NPE405L Datasheet HTML 41Page - Applied Micro Circuits Corporation NPE405L Datasheet HTML 42Page - Applied Micro Circuits Corporation NPE405L Datasheet HTML 43Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 54 page
background image
Preliminary
PowerNP NPe405L Embedded Processor Data Sheet
37
System Interface
SysClk
Main System Clock input.
I
3.3V Analog
Wire w/ESD
SysReset
Main System Reset.
I/O
5V tolerant
3.3V LVTTL
1, 2
SysErr
Set to 1 when a Machine Check is generated.
O
5V tolerant
3.3V LVTTL
Halt
Halt from external debugger.
I
5V tolerant
3.3V LVTTL
1
GPIO00:31
General Purpose I/O. To access this function, software
must toggle a DCR bit.
I/O
5V tolerant
3.3V LVTTL
1
TestEn
Test Enable. Used only for manufacturing tests. Pull down
for normal operation.
I
3.3V LVTTL
Rcvr w/PD
TmrClk
This input must toggle at a rate of less than one half the
CPU core frequency (less than 100MHz in most cases). In
most cases this input toggles much slower (in the 1MHz to
10MHz range).
I
5V tolerant
3.3V LVTTL
1
Trace Interface
[TS1E]
[TS2E]
Even Trace execution status.To access this function,
software must toggle a DCR bit.
O
5V tolerant
3.3V LVTTL
[TS1O]
[TS2O]
Odd Trace execution status. To access this function,
software must toggle a DCR bit.
O
5V tolerant
3.3V LVTTL
[TS3:6]
Trace Status. To access this function, software must toggle
a DCR bit.
O
5V tolerant
3.3V LVTTL
[TrcClk]
Trace interface clock. A toggling signal that is always half
of the CPU core frequency. To access this function,
software must toggle a DCR bit.
O
5V tolerant
3.3V LVTTL
1
Power Pins
GND
Ground
Note: J09-J14, K09-K14, L09-L14, M09-M14, N09-N14,
and P09-P14 are also thermal balls.
I
Hardwire
VDD
Logic voltage—2.5 V
I
Hardwire
OVDD
Output driver voltage—3.3V
I
Hardwire
AVDD
Filtered PLL voltage—2.5 V
I
3.3V DC
Wire w/ESD
Other Pins
Reserved
Do not connect signals, voltage, or ground to these pins.
n/a
n/a
Signal Functional Description (Part 6 of 6)
Notes:
1. Receiver input has hysteresis.
2. Must pull up. See “Pull-up and Pull-down Resistors” on page 30 for recommended termination values.
3. Must pull down. See “Pull-up and Pull-down Resistors” on page 30 for recommended termination values.
4. If not used, must pull up.
5. If not used, must pull down.
6. Strapping input during reset; pull up or pull down as required.
7. Pull-up may be required. See “External Peripheral Bus Control Signals” on page 31.
Signal Name
Description
I/O
Type
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com