Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

201130FD25LXCS Datasheet(PDF) 3 Page - Ashcroft, Inc.

Part # 201130FD25LXCS
Description  1130 Differential Pressure Gauge
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.

201130FD25LXCS Datasheet(HTML) 3 Page - Ashcroft, Inc.

  201130FD25LXCS Datasheet HTML 1Page - Ashcroft, Inc. 201130FD25LXCS Datasheet HTML 2Page - Ashcroft, Inc. 201130FD25LXCS Datasheet HTML 3Page - Ashcroft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
of 3
3
¼˝-20
2 PLACES
4˝
0.5
B
A
1.81˝
REGULAR CASE
D
1
FLANGED CASE
0.162˝
3 PLACES
BOLT
CIRCLE
¼ NPT FEMALE
2 PLACES
.75 SQ.
2 PLACES
D
2
Dial Size
Dimensions
Inches
A
B
D
D
1
D
2
Bolt Circle
2"
0.70˝
1.70˝
2.08˝
3.11˝
2.04˝
2.72˝
2.5"
0.75˝
1.75˝
2.59˝
3.66˝
2.55˝
3.26˝
3.5"
0.75˝
1.75˝
3.26˝
4.29˝
3.22˝
3.86˝
4"
0.75˝
1.75˝
4.10˝
5.15˝
4.01˝
4.76˝
4.5"
0.75˝
1.75˝
4.71˝
5.74˝
4.60˝
5.35˝
6"
0.75˝
1.75˝
6.07˝
7.12˝
6.00˝
6.73˝
1130- Single Scale
psid
kg/cm2
bar
kPa
-
0.25KSC
0.25BR
25KPa
5#
-
-
-
8#
0.5KSC
0.5BR
50KPa
10#
0.75KSC
0.75BR
75KPa
15#
1KSC
1BR
100KPa
20#
-
-
-
25#
1.6KSC
1.6BR
160KPa
30#
2KSC
2BR
200KPa
-
2.5KSC
2.5BR
250KPa
40#
3KSC
3BR
300KPa
50#
-
-
-
60#
4KSC
4BR
400KPa
-
5KSC
5BR
500KPa
80#
-
-
-
-
6KSC
6BR
600KPa
100#
7KSC
7BR
700KPa
-
9KSC
9BR
900KPa
150#
10KSC
10BR
1,000KPa
B
A
DIMENSIONS
For reference only, consult Ashcroft for specific dimensional drawings.
All specifications are subject to change without notice.
All sales subject to standard terms and conditions.
©2018 Ashcroft Inc. 1130_gauge_ds_RevB_Ltr_07-29-19
ashcroft.com
info@ashcroft.com
1.800.328.8258
Data Sheet
1130 Differential Pressure Gauge



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com