Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

201130SL25BXCS Datasheet(PDF) 2 Page - Ashcroft, Inc.

Part # 201130SL25BXCS
Description  1130 Differential Pressure Gauge
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.

201130SL25BXCS Datasheet(HTML) 2 Page - Ashcroft, Inc.

  201130SL25BXCS Datasheet HTML 1Page - Ashcroft, Inc. 201130SL25BXCS Datasheet HTML 2Page - Ashcroft, Inc. 201130SL25BXCS Datasheet HTML 3Page - Ashcroft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
of 3
2
ORDERING CODE
Example:
20
1130
A
D
25
S
XV1
5#
Size
20 - 2˝
20
25 - 21/2˝
35 - 31/2˝
40 - 4˝
45 - 41/2˝
60 - 6˝
Series
1130 - Piston Actuated
1130
Body Material
A - Brass
A
F - Aluminum
S - Stainless steel
Case Fill
D - Dry
D
L - Glycerin fill (Liquid fill has an effect on accuracy that varies with range and temperature.)
Process Connection Size
25 - 1/4 NPT Female
25
Process Connection Location
S - In-Line
S
L - Lower
B - Back
Options (If choosing an option(s) must include an “X”)
X__
BF - Surface mounting plate
CS - Dual scale
DD - Color band (any combination of green, yellow, red)
GE - 1/8 NPT Female adapters
GM - 1/2 NPT Female adapters
EP - Maximum pointer (N/A on 2˝ case)
FF - Front flange
VD - Viton® O-rings
EM - EPDM O-rings
GV - Silicone fill (Silicone liquid fill is recommended for outside applications even though unit is hermetically sealed.)
PD - Plastic window
RP - Reverse porting
SG - Safety glass (N/A on 2˝ or 21/2˝ case)
TM - Pipe mounting bracket (In-line only)
V1 - 1-SPST switch w/DIN plug
(N/A with back connection) (Adj. 20-100% of range, Preset @ 90%)
V1
V2 - 1-SPST switch w/terminal strip
(N/A with back connection) (Adj. 20-100% of range, Preset @ 90%)
V3 - 2-SPST switch w/DIN plug
(N/A with back connection) (Adj. 20-100% of range, Preset @ 90%)
V4 - 2-SPST switch w/terminal strip
(N/A with back connection) (Adj. 20-100% of range, Preset @ 90%)
V5 - 1-SPDT switch w/DIN plug
(N/A with back connection) (Adj. 20-100% of range, Preset @ 90%)
V6 - 1-SPDT switch w/terminal strip
(N/A with back connection) (Adj. 20-100% of range, Preset @ 90%)
V7 - 2-SPDT switch w/DIN plug
(N/A with back connection) (Adj. 20-100% of range, Preset @ 90%)
V8 - 2-SPDT switch w/terminal strip
(N/A with back connection) (Adj. 20-100% of range, Preset @ 90%)
Range (coding examples only, see range table on page 3 for all standard ranges.)
5# - 5 psi
5#
All specifications are subject to change without notice.
All sales subject to standard terms and conditions.
©2018 Ashcroft Inc. 1130_gauge_ds_RevB_Ltr_07-29-19
ashcroft.com
info@ashcroft.com
1.800.328.8258
Data Sheet
1130 Differential Pressure Gauge



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com