| Electronic Components Datasheet Search |
|
PPC405EP-3LB133CZ Datasheet(PDF) 8 Page - Applied Micro Circuits Corporation |
|
|
|||||||||||||||||||||||||||||
PPC405EP-3LB133CZ Datasheet(HTML) 8 Page - Applied Micro Circuits Corporation |
|
8 / 50 page ![]() PPC405EP – PowerPC 405EP Embedded Processor 8 AMCC Revision 1.07 – September 10, 2007 Data Sheet On-Chip Memory (OCM) The OCM feature comprises a memory controller and a one-port 4KB static RAM (SRAM) accessed by the processor core. Features include: • Low-latency access to critical instructions and data • Performance identical to cache hits without misses • Contents change only under program control PLB to PCI Interface The PLB to PCI interface core provides a mechanism for connecting PCI devices to the local PowerPC processor and local memory. This interface is compliant with version 2.2 of the PCI Specification. Features include: • internal pci bus arbiter for up to three external devices at PCI bus speeds up to 66MHz. Internal arbiter use is optional and can be disabled for systems which employ an external arbiter. • PCI bus frequency up to 66MHz - Asynchronous operation from 1/8 PLB frequency to 66MHz maximum • 32-bit PCI address/data bus • Power Management: - PCI Bus Power Management v1.1 compliant • Supports 1:1, 2:1, 3:1, 4:1 clock ratios from PLB to PCI • Buffering between PLB and PCI: - PCI target 64-byte write post buffer - PCI target 96-byte read prefetch buffer - PLB slave 32-byte write post buffer - PLB slave 64-byte read prefetch buffer • Error tracking/status • Supports PCI target side configuration • Supports processor access to all PCI address spaces: - Single-beat PCI I/O reads and writes - PCI memory single-beat and prefetch-burst reads and single-beat writes - Single-beat PCI configuration reads and writes (type 0 and type 1) - PCI interrupt acknowledge - PCI special cycle • Supports PCI target access to all PLB address spaces • Supports PowerPC processor boot from PCI memory |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |