Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IRFS52N15DPBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRFS52N15DPBF
Description  HEXFET Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFS52N15DPBF Datasheet(HTML) 1 Page - International Rectifier

  IRFS52N15DPBF Datasheet HTML 1Page - International Rectifier IRFS52N15DPBF Datasheet HTML 2Page - International Rectifier IRFS52N15DPBF Datasheet HTML 3Page - International Rectifier IRFS52N15DPBF Datasheet HTML 4Page - International Rectifier IRFS52N15DPBF Datasheet HTML 5Page - International Rectifier IRFS52N15DPBF Datasheet HTML 6Page - International Rectifier IRFS52N15DPBF Datasheet HTML 7Page - International Rectifier IRFS52N15DPBF Datasheet HTML 8Page - International Rectifier IRFS52N15DPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Notes
 through ‡ are on page 11
www.irf.com
1
05/17/05
SMPS MOSFET
HEXFET® Power MOSFET
l High frequency DC-DC converters
l Plasma Display Panel
l Lead-Free
Benefits
Applications
l Low Gate-to-Drain Charge to Reduce
Switching Losses
l Fully Characterized Capacitance Including
Effective COSS to Simplify Design, (See
App. Note AN1001)
l Fully Characterized Avalanche Voltage
and Current
IRFB52N15DPbF
IRFS52N15DPbF
IRFSL52N15DPbF
D2Pak
IRFS52N15DPbF
TO-220AB
IRFB52N15DPbF
TO-262
IRFSL52N15DPbF
PROVISIONAL
* RθJC (end of life) for D2Pak and TO-262 = 0.65°C/W. This is the maximum measured value after 1000 temperature
cycles from -55 to 150°C and is accounted for by the physical wearout of the die attach medium.
Thermal Resistance
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
0.47*
RθCS
Case-to-Sink, Flat, Greased Surface
†
0.50
–––
°C/W
RθJA
Junction-to-Ambient
†
–––
62
RθJA
Junction-to-Ambient
‡
–––
40
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V ‡
51*
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V ‡
36*
A
IDM
Pulsed Drain Current

240
PD @TA = 25°C
Power Dissipation
‡
3.8
W
PD @TC = 25°C
Power Dissipation
‡
230*
Linear Derating Factor
‡
1.5*
W/°C
VGS
Gate-to-Source Voltage
± 30
V
dv/dt
Peak Diode Recovery dv/dt
ƒ
5.5
V/ns
TJ
Operating Junction and
-55 to + 175
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
°C
Mounting torqe, 6-32 or M3 screw
†
10 lbf•in (1.1N•m)
Absolute Maximum Ratings
VDS
150
V
VDS (Avalanche) min.
200
V
RDS(ON) max @ 10V
32
m
:
TJ max
175
°C
Key Parameters
PD - 97002


Similar Part No. - IRFS52N15DPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFS52N15DPBF IRF-IRFS52N15DPBF Datasheet
330Kb / 11P
High frequency DC-DC converters
IRFS52N15DPBF IRF-IRFS52N15DPBF_15 Datasheet
330Kb / 11P
High frequency DC-DC converters
More results

Similar Description - IRFS52N15DPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFB4321PBF IRF-IRFB4321PBF Datasheet
283Kb / 8P
HEXFET Power MOSFET
IRFBE30SPBF IRF-IRFBE30SPBF Datasheet
588Kb / 10P
HEXFET Power MOSFET
IRLZ24NS IRF-IRLZ24NS Datasheet
180Kb / 10P
HEXFET Power MOSFET
IRL3705NSPBF IRF-IRL3705NSPBF Datasheet
294Kb / 10P
HEXFET Power MOSFET
IRL3803VS IRF-IRL3803VS Datasheet
221Kb / 10P
HEXFET Power MOSFET
IRLI640GPBF IRF-IRLI640GPBF Datasheet
1Mb / 8P
HEXFET Power MOSFET
IRF630N IRF-IRF630N_04 Datasheet
240Kb / 11P
HEXFET Power MOSFET
IRFR3711ZCPBF IRF-IRFR3711ZCPBF Datasheet
293Kb / 11P
HEXFET Power MOSFET
IRLR8715CPBF IRF-IRLR8715CPBF Datasheet
274Kb / 9P
HEXFET Power MOSFET
IRFP044PBF IRF-IRFP044PBF Datasheet
1Mb / 8P
HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com