Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PPC405EZ-CSAFFFTX Datasheet(PDF) 49 Page - Applied Micro Circuits Corporation

Part # PPC405EZ-CSAFFFTX
Description  PowerPC 405EZ Embedded Processor
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC405EZ-CSAFFFTX Datasheet(HTML) 49 Page - Applied Micro Circuits Corporation

Back Button PPC405EZ-CSAFFFTX Datasheet HTML 45Page - Applied Micro Circuits Corporation PPC405EZ-CSAFFFTX Datasheet HTML 46Page - Applied Micro Circuits Corporation PPC405EZ-CSAFFFTX Datasheet HTML 47Page - Applied Micro Circuits Corporation PPC405EZ-CSAFFFTX Datasheet HTML 48Page - Applied Micro Circuits Corporation PPC405EZ-CSAFFFTX Datasheet HTML 49Page - Applied Micro Circuits Corporation PPC405EZ-CSAFFFTX Datasheet HTML 50Page - Applied Micro Circuits Corporation PPC405EZ-CSAFFFTX Datasheet HTML 51Page - Applied Micro Circuits Corporation PPC405EZ-CSAFFFTX Datasheet HTML 52Page - Applied Micro Circuits Corporation PPC405EZ-CSAFFFTX Datasheet HTML 53Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 54 page
background image
PPC405EZ – PowerPC 405EZ Embedded Processor
Revision 1.27 - August 22, 2007
AMCC Proprietary
49
Preliminary Data Sheet
ADC_InTrig
na
na
na
na
ADC_VRef
na
na
na
na
DAC_CRef
na
na
na
na
DAC_IOutP
nananana
DAC_IPTrig
19.1
8.7
DAC_IRRef
nananana
DAC_VRef
na
na
na
na
DAC_GRef
na
na
na
na
PWM_DivClk
19.1
8.7
5
PWM_OE[0]
19.1
8.7
5
PWM_OE[1:3]
19.1
8.7
5
PWM_TBA
19.1
8.7
5
PWM_1:15
19.1
8.7
5
IEEE_1588TS
19.1
8.7
Interrupts Interface
[IRQ0:4]
19.1
8.7
JTAG Interface
TCK
na
na
nananana
TDI
22.5
0
nananana
TCK
TDO
na
na
25
0
19.1
8.7
TCK
TMS
22.5
0
na
na
na
na
TCK
TRST
na
na
na
na
na
na
TCK
System Interface
GPIO000:31
na
na
na
na
19.1
8.7
GPIO100:20
na
na
na
na
19.1
8.7
Halt
22.5
0
nananana
TCK
SysErr
na
na
15
25.5
19.1
8.7
TCK
SysReset
na
na
na
na
19.1
8.7
async
TestEn
na
na
na
na
na
na
async
DebugEn
na
na
na
na
na
na
SysClk
na
na
na
na
na
na
Table 15. I/O Specifications—All CPU Speeds (Sheet 2 of 2)
Notes:
1. Ethernet interface meets timing requirements as defined by IEEE 802.3 standard. Timing shown is with EMAC noise filter
selected.
2. For all interfaces, I/O H is specified at 2.4 V and I/O L is specified at 0.4 V.
3. Maximum skew between IIC output signals is 6ns.
4. Maximum skew between all SPI output signals is 3ns. All SPI inputs signals are latched with less than 4ns of skew between
channels.
5. Maximum skew between all PWM output signals is 3.75ns. All PWM input signals are latched with less than 2.5ns of skew
between channels.
Signal
Input (ns)
Output (ns)
Output Current (mA)
Clock
Notes
Setup Time
(TIS min)
Hold Time
(TIH min)
Valid Delay
(TOV max)
Hold Time
(TOH min)
I/O H
(min)
I/O L
(min)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com