Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F6X2X-IPTQTP Datasheet(PDF) 35 Page - Microchip Technology

Part # PIC18F6X2X-IPTQTP
Description  64/80-Pin High Performance, 64-Kbyte Enhanced FLASH Microcontrollers with A/D
PDF  386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F6X2X-IPTQTP Datasheet(HTML) 35 Page - Microchip Technology

Back Button PIC18F6X2X-IPTQTP Datasheet HTML 31Page - Microchip Technology PIC18F6X2X-IPTQTP Datasheet HTML 32Page - Microchip Technology PIC18F6X2X-IPTQTP Datasheet HTML 33Page - Microchip Technology PIC18F6X2X-IPTQTP Datasheet HTML 34Page - Microchip Technology PIC18F6X2X-IPTQTP Datasheet HTML 35Page - Microchip Technology PIC18F6X2X-IPTQTP Datasheet HTML 36Page - Microchip Technology PIC18F6X2X-IPTQTP Datasheet HTML 37Page - Microchip Technology PIC18F6X2X-IPTQTP Datasheet HTML 38Page - Microchip Technology PIC18F6X2X-IPTQTP Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 386 page
background image
 2003 Microchip Technology Inc.
Advance Information
DS39612A-page 33
PIC18F6X2X/8X2X
TABLE 3-1:
TIME-OUT IN VARIOUS SITUATIONS
REGISTER 3-1:
RCON REGISTER BITS AND POSITIONS(1)
TABLE 3-2:
STATUS BITS, THEIR SIGNIFICANCE AND THE INITIALIZATION CONDITION FOR
RCON REGISTER
Oscillator
Configuration
Power-up(2)
Brown-out
Wake-up from
SLEEP or
Oscillator Switch
PWRTE = 0
PWRTE = 1
HS with PLL enabled(1)
72 ms + 1024 TOSC
+ 2ms
1024 TOSC
+ 2 ms
72 ms(2) + 1024 TOSC
+ 2 ms
1024 TOSC + 2 ms
HS, XT, LP
72 ms + 1024 TOSC
1024 TOSC
72 ms(2) + 1024 TOSC
1024 TOSC
EC
72 ms
1.5
µs72 ms(2)
1.5
µs(3)
External RC
72 ms
—
72 ms(2)
—
Note 1:
2 ms is the nominal time required for the 4x PLL to lock.
2:
72 ms is the nominal power-up timer delay, if implemented.
3:
1.5
µs is the recovery time from SLEEP. There is no recovery time from oscillator switch.
R/W-0
U-0
U-0
R/W-1
R/W-1
R/W-1
R/W-0
R/W-0
IPEN
—
—RI
TO
PD
POR
BOR
bit 7
bit 0
Note 1:
Refer to Section 4.14 (page 61) for bit definitions.
Condition
Program
Counter
RI
TO
PD
POR
BOR
STKFUL
STKUNF
Power-on Reset
0000h
11
1
0
0
u
u
MCLR Reset during normal
operation
0000h
uu
u
u
u
u
u
Software Reset during normal operation
0000h
0u
u
u
u
u
u
Stack Full Reset during normal operation
0000h
uu
u
u
u
u
1
Stack Underflow Reset during normal
operation
0000h
uu
u
u
u
1
u
MCLR Reset during SLEEP
0000h
u1
0
u
u
u
u
WDT Reset
0000h
10
1
u
u
u
u
WDT Wake-up
PC + 2
u0
0
u
u
u
u
Brown-out Reset
0000h
11
1
1
0
u
u
Interrupt wake-up from SLEEP
PC + 2(1)
u1
0
u
u
u
u
Legend:
u
= unchanged, x = unknown, - = unimplemented bit, read as ‘0’
Note 1:
When the wake-up is due to an interrupt and the GIEH or GIEL bits are set, the PC is loaded with the
interrupt vector (0008h or 0018h).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com