Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PPC405GP-3DE133CZ Datasheet(PDF) 13 Page - Applied Micro Circuits Corporation

Part # PPC405GP-3DE133CZ
Description  Power PC 405GP Embedded Processor
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC405GP-3DE133CZ Datasheet(HTML) 13 Page - Applied Micro Circuits Corporation

Back Button PPC405GP-3DE133CZ Datasheet HTML 9Page - Applied Micro Circuits Corporation PPC405GP-3DE133CZ Datasheet HTML 10Page - Applied Micro Circuits Corporation PPC405GP-3DE133CZ Datasheet HTML 11Page - Applied Micro Circuits Corporation PPC405GP-3DE133CZ Datasheet HTML 12Page - Applied Micro Circuits Corporation PPC405GP-3DE133CZ Datasheet HTML 13Page - Applied Micro Circuits Corporation PPC405GP-3DE133CZ Datasheet HTML 14Page - Applied Micro Circuits Corporation PPC405GP-3DE133CZ Datasheet HTML 15Page - Applied Micro Circuits Corporation PPC405GP-3DE133CZ Datasheet HTML 16Page - Applied Micro Circuits Corporation PPC405GP-3DE133CZ Datasheet HTML 17Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 59 page
background image
405GP – Power PC 405GP Embedded Processor
AMCC
13
Revision 2.03 – September 7, 2007
Data Sheet
Universal Interrupt Controller (UIC)
The Universal Interrupt Controller (UIC) provides the control, status, and communications necessary between the
various sources of interrupts and the local PowerPC processor.
Features include:
• Supports seven external and 19 internal interrupts
• Edge triggered or level-sensitive
• Positive or negative active
• Non-critical or critical interrupt to processor core
• Programmable critical interrupt priority ordering
• Programmable critical interrupt vector for faster vector processing
10/100 Mbps Ethernet MAC
• Capable of handling full/half duplex 100Mbps and 10Mbps operation
• Uses the medium independent interface (MII) to the physical layer (PHY not included on chip)
JTAG
• IEEE 1149.1 test access port
• IBM RISCWatch debugger support
• JTAG Boundary Scan Description Language (BSDL)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com