Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PPC405GPR-3DB266 Datasheet(PDF) 23 Page - Applied Micro Circuits Corporation

Part # PPC405GPR-3DB266
Description  Power PC 405GPr Embedded Processor
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC405GPR-3DB266 Datasheet(HTML) 23 Page - Applied Micro Circuits Corporation

Back Button PPC405GPR-3DB266 Datasheet HTML 19Page - Applied Micro Circuits Corporation PPC405GPR-3DB266 Datasheet HTML 20Page - Applied Micro Circuits Corporation PPC405GPR-3DB266 Datasheet HTML 21Page - Applied Micro Circuits Corporation PPC405GPR-3DB266 Datasheet HTML 22Page - Applied Micro Circuits Corporation PPC405GPR-3DB266 Datasheet HTML 23Page - Applied Micro Circuits Corporation PPC405GPR-3DB266 Datasheet HTML 24Page - Applied Micro Circuits Corporation PPC405GPR-3DB266 Datasheet HTML 25Page - Applied Micro Circuits Corporation PPC405GPR-3DB266 Datasheet HTML 26Page - Applied Micro Circuits Corporation PPC405GPR-3DB266 Datasheet HTML 27Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 57 page
background image
405GPr – Power PC 405GPr Embedded Processor
AMCC
23
Revision 2.04 – September 7, 2007
Data Sheet
PHYRxErr
U24
Ethernet
31
PHYTxClk
E25
Ethernet
31
RAS
AF24
SDRAM
32
Reserved
C25
E23
E24
Y23
Y26
AF41
Other
Note: AF4 must be tied to OVDD or GND. All other reserved pins should be left
unconnected.
37
Req[PCIGnt0]U23
PCI
30
SysClk
A25
System
35
SysErr
AD25
System
35
SysReset
D22
System
35
TCK
AD22
JTAG
35
TDI
AE24
JTAG
35
TDO
AD23
JTAG
35
TestEn
D26
System
35
TmrClk
D24
System
35
TMS
AC22
JTAG
35
TRST
AE26
JTAG
35
[TS1E]GPIO1
[TS2E]GPIO2
[TS1O]GPIO3
[TS2O]GPIO4
[TS3]GPIO5
[TS4]GPIO6
[TS5]GPIO7
[TS6]GPIO8
[TrcClk]GPIO9
D18
C20
A22
AF18
AC9
AE8
AF5
AC7
AB3
System
35
UART0_CTS
AB4
Internal Peripheral
34
UART0_DCD
AE18
Internal Peripheral
34
UART0_DSR
AE3
Internal Peripheral
34
UART0_DTR
AF2
Internal Peripheral
34
UART0_RI
AD15
Internal Peripheral
34
UART0_RTS
AD16
Internal Peripheral
34
UART0_Rx
AE16
Internal Peripheral
34
UART0_Tx
AF3
Internal Peripheral
34
UART1_CTS/UART1_DSR
AC3
Internal Peripheral
34
UART1_DSR/UART1_CTS
AC3
Internal Peripheral
34
UART1_DTR/UART1_RTS
AD2
Internal Peripheral
34
UART1_RTS/UART1_DTR
AD2
Internal Peripheral
34
UART1_Rx
AC1
Internal Peripheral
34
UART1_Tx
AC2
Internal Peripheral
34
UARTSerClk
AE17
Internal Peripheral
34
Signals Listed Alphabetically (Sheet 8 of 9)
Signal Name
Ball
Interface Group
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com