Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PPC440GP-3CC333C Datasheet(PDF) 60 Page - Applied Micro Circuits Corporation

Part # PPC440GP-3CC333C
Description  Power PC 440GP Embedded Processor
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC440GP-3CC333C Datasheet(HTML) 60 Page - Applied Micro Circuits Corporation

Back Button PPC440GP-3CC333C Datasheet HTML 56Page - Applied Micro Circuits Corporation PPC440GP-3CC333C Datasheet HTML 57Page - Applied Micro Circuits Corporation PPC440GP-3CC333C Datasheet HTML 58Page - Applied Micro Circuits Corporation PPC440GP-3CC333C Datasheet HTML 59Page - Applied Micro Circuits Corporation PPC440GP-3CC333C Datasheet HTML 60Page - Applied Micro Circuits Corporation PPC440GP-3CC333C Datasheet HTML 61Page - Applied Micro Circuits Corporation PPC440GP-3CC333C Datasheet HTML 62Page - Applied Micro Circuits Corporation PPC440GP-3CC333C Datasheet HTML 63Page - Applied Micro Circuits Corporation PPC440GP-3CC333C Datasheet HTML 64Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 83 page
background image
440GP – Power PC 440GP Embedded Processor
60
AMCC
Revision 1.07 – October 4, 2007
Data Sheet
Test Conditions
Clock timing and switching characteristics are specified in accordance with operating
conditions shown in the table “Recommended DC Operating Conditions.” AC
specifications are characterized with VDD = 1.8V, TC = rated temperature and a 50pF
test load as shown in the figure to the right.
Timing Waveform
Clocking Specifications
Symbol
Parameter
Minimum
Maximum
Units
Notes
SysClk Input
FC
Frequency
33.33
66.66
MHz
TC
Period
15
30
ns
TCS
Edge stability (cycle-to-cycle jitter)
–
±0.15
ns
TCH
High time
40% of nominal period
60% of nominal period
ns
TCL
Low time
40% of nominal period
60% of nominal period
ns
Note:Input slew rate
≥ 1V/ns
PLL VCO
FC
Frequency
500
1000
MHz
TC
Period
1
2
ns
Processor Clock (CPU Clock)
FC
Frequency
–
500
MHz
1
TC
Period
2
–
ns
MemClkOut
FC
Frequency
100
133.33
MHz
TC
Period
7.5
10
ns
TCH
High time
35% of nominal period
65% of nominal period
ns
Notes:
1. The maximum supported processor clock frequency for any part is specified in the part number (see “Ordering and PVR Information”
on page 4).
Output
Pin
50pF
C
TCL
TCH
TC
2.0V
1.5V
0.8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com