Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PPC440GP-3CC400EZ Datasheet(PDF) 81 Page - Applied Micro Circuits Corporation

Part # PPC440GP-3CC400EZ
Description  Power PC 440GP Embedded Processor
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC440GP-3CC400EZ Datasheet(HTML) 81 Page - Applied Micro Circuits Corporation

Back Button PPC440GP-3CC400EZ Datasheet HTML 75Page - Applied Micro Circuits Corporation PPC440GP-3CC400EZ Datasheet HTML 76Page - Applied Micro Circuits Corporation PPC440GP-3CC400EZ Datasheet HTML 77Page - Applied Micro Circuits Corporation PPC440GP-3CC400EZ Datasheet HTML 78Page - Applied Micro Circuits Corporation PPC440GP-3CC400EZ Datasheet HTML 79Page - Applied Micro Circuits Corporation PPC440GP-3CC400EZ Datasheet HTML 80Page - Applied Micro Circuits Corporation PPC440GP-3CC400EZ Datasheet HTML 81Page - Applied Micro Circuits Corporation PPC440GP-3CC400EZ Datasheet HTML 82Page - Applied Micro Circuits Corporation PPC440GP-3CC400EZ Datasheet HTML 83Page - Applied Micro Circuits Corporation  
Zoom Inzoom in Zoom Outzoom out
 81 / 83 page
background image
440GP – Power PC 440GP Embedded Processor
AMCC
81
Revision 1.07 – October 4, 2007
Data Sheet
Revision Log
Date
Contents of Modification
08/07/2002
Add revision log.
08/30/2002
Change EMC0:1TxD0:1 and EMC0:1TxEn TOV from 15 to 11 ns.
09/11/2002
Update for 466 and 500 MHz parts
10/22/2002
Add heat sink mounting information and additional part numbers for E temperature range.
11/20/2002
Update I/O timing data.
01/07/2003
Update PCI-X I/O voltage specification.
01/22/2003
Correct description of SysReset signal.
03/25/2003
Update DDR SDRAM timing.
06/16/2003
Change PCI setup specification from 2 to 3ns.
08/22/2003
Remove references to 2xPLB in DDR SDRAM timing section.
01/21/2004
Update DDR SDRAM timing section to be consistent 440GX presentation.
02/12/2004
Restore VDD/OVDD voltage sequence restriction.
05/12/2004
Add plastic package data and update part number list.
07/8/2004
Update supported part numbers.
11/01/2004
Add information on minimum SysClk and TRST duration during power-on reset.
Remove power sequence restrictions note from Absolute Maximum Rating table.
Restate power sequencing restrictions in Recommended DC Operating Conditions table.
Convert to AMCC format.
12/09/2004
Remove references to Ethernet SMII mode.
06/07/2005
Add reduced-lead part numbers.
10/17/2005
Clarify DDR SDRAM interface diagram.
11/07/2005
Remove metal-layer specification from technology description.
Add logo and number nomenclature to package drawing.
08/30/2007
Change the technical support telephone and fax number.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com