Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PPC440GP-3RC500CZ Datasheet(PDF) 54 Page - Applied Micro Circuits Corporation

Part # PPC440GP-3RC500CZ
Description  Power PC 440GP Embedded Processor
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC440GP-3RC500CZ Datasheet(HTML) 54 Page - Applied Micro Circuits Corporation

Back Button PPC440GP-3RC500CZ Datasheet HTML 50Page - Applied Micro Circuits Corporation PPC440GP-3RC500CZ Datasheet HTML 51Page - Applied Micro Circuits Corporation PPC440GP-3RC500CZ Datasheet HTML 52Page - Applied Micro Circuits Corporation PPC440GP-3RC500CZ Datasheet HTML 53Page - Applied Micro Circuits Corporation PPC440GP-3RC500CZ Datasheet HTML 54Page - Applied Micro Circuits Corporation PPC440GP-3RC500CZ Datasheet HTML 55Page - Applied Micro Circuits Corporation PPC440GP-3RC500CZ Datasheet HTML 56Page - Applied Micro Circuits Corporation PPC440GP-3RC500CZ Datasheet HTML 57Page - Applied Micro Circuits Corporation PPC440GP-3RC500CZ Datasheet HTML 58Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 83 page
background image
440GP – Power PC 440GP Embedded Processor
54
AMCC
Revision 1.07 – October 4, 2007
Data Sheet
Trace Interface
TrcBS0:2
Trace branch execution status.
I/O
5V tolerant
3.3V LVTTL
TrcClk
Trace data capture clock, runs at 1/4 the frequency of the
processor.
O
5V tolerant
3.3V LVTTL
TrcES0:4
Trace Execution Status is presented every fourth processor clock
cycle.
I/O
5V tolerant
3.3V LVTTL
TrcTS0:6
Additional information on trace execution and branch status.
I/O
5V tolerant
3.3V LVTTL
Power Pins
AGND
PLL (analog) voltage ground.
na
na
GND
Ground.
na
na
AxVDD
1.8V—Filtered voltages input for PLLs (analog circuits)
Note: A separate filter for each of the three voltages is
recommended.
na
na
OVDD
3.3V supply—I/O (except DDR SDRAM)
na
na
SVDD
2.5V supply—DDR SDRAM
na
na
VDD
1.8V supply—Logic voltage.
na
na
Reserved Pins
Reserved
Do not connect signals, voltage, or ground to these balls.
na
na
Signal Functional Description (Sheet 7 of 7)
Notes:
1. Receiver input has hysteresis
2. Must pull up (recommended value is 3k
Ω to 3.3V, 10kΩ to 5V)
3. Must pull down (recommended value is 1k
Ω)
4. If not used, must pull up (recommended value is 3k
Ω to 3.3V)
5. If not used, must pull down (recommended value is 1k
Ω)
6. Strapping input during reset; pull-up or pull-down required
Signal Name
Description
I/O
Type
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com