Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

251490AHHTXC4 Datasheet(PDF) 2 Page - Ashcroft, Inc.

Part # 251490AHHTXC4
Description  1490 Low Pressure Diaphragm Gauge
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.

251490AHHTXC4 Datasheet(HTML) 2 Page - Ashcroft, Inc.

  251490AHHTXC4 Datasheet HTML 1Page - Ashcroft, Inc. 251490AHHTXC4 Datasheet HTML 2Page - Ashcroft, Inc. 251490AHHTXC4 Datasheet HTML 3Page - Ashcroft, Inc. 251490AHHTXC4 Datasheet HTML 4Page - Ashcroft, Inc. 251490AHHTXC4 Datasheet HTML 5Page - Ashcroft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ORDERING CODE
Example:
35
1490
A
02
B
XUC 10IWC
Dial Size
25 - 21⁄2 ˝
35 - 31⁄2 ˝
35
Model Code
1490 - Glass filled polysulfone case
1490
Wetted Material
A - Beryllium copper brass polysulfone RTV silicone
A
Process Connection Size
01 - 1⁄8 NPT Male (U-clamp is optional)
02 - ¼ NPT Male (U-clamp is optional)
02
HD - 1⁄8˝ Tubing hose barb (includes U-clamp/throttle plug not available this OPT.)
HE - 3⁄16˝ Tubing hose barb (includes U-clamp/throttle plug not available this OPT.)
HF - 1⁄4˝ O.D. Polytube hose barb (includes U-clamp/throttle plug not available this OPT.)
HG - 1⁄4˝ Tubing hose barb (includes U-clamp/throttle plug not available this OPT.)
HH - 3⁄32˝ Tubing hose barb (includes U-clamp/throttle plug not available this OPT.)
Process Connection Location
B - Center back connection
D - Connection @ 3 o'clock
E - Connection @ 9 o'clock
L - Lower connection
T - Top connection
Options (If choosing an option(s) must include an “X”)
X__
AN - 1% Accuracy
C4- Traceable calibration certificate
DA - Dial marking
EO - External adjustment
NH - Stainless Steel tag
NN - Paper tag
TU - Thottle plug (throttle plug must be installed for intermittent or continuous use on natural gas service)
UC - U-clamp (U-Clamp standard with hose barb connection)
UC
ZY - FlutterGuard™
Range (See range table on page 3 for all standard ranges)
10IWC - 0/10 in. H2O
10IWC
of 5
2
1490 Low Pressure Diaphragm Gauge
Data Sheet
All specifications are subject to change without notice. All sales subject to standard terms and conditions.
Ashcroft®, FlutterGuard™, Trust the Shield® are trademarks of Ashcroft Inc.
For more information, see Ashcroft Brands & Trademarks
©2022 Ashcroft Inc. 1490_gauge_ds_RevC_10-06-22
ashcroft.com
| 1.800.328.8258 | Contact Us



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com