Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IRG4PC50FDPBF Datasheet(PDF) 8 Page - International Rectifier

Part # IRG4PC50FDPBF
Description  INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRG4PC50FDPBF Datasheet(HTML) 8 Page - International Rectifier

Back Button IRG4PC50FDPBF Datasheet HTML 3Page - International Rectifier IRG4PC50FDPBF Datasheet HTML 4Page - International Rectifier IRG4PC50FDPBF Datasheet HTML 5Page - International Rectifier IRG4PC50FDPBF Datasheet HTML 6Page - International Rectifier IRG4PC50FDPBF Datasheet HTML 7Page - International Rectifier IRG4PC50FDPBF Datasheet HTML 8Page - International Rectifier IRG4PC50FDPBF Datasheet HTML 9Page - International Rectifier IRG4PC50FDPBF Datasheet HTML 10Page - International Rectifier IRG4PC50FDPBF Datasheet HTML 11Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
IRG4PC50FDPbF
8
www.irf.com
t1
Ic
Vce
t1
t2
90% Ic
10% V ce
td(off)
tf
Ic
5% Ic
t1+5µ S
Vce ic dt
90% Vge
+Vge
∫
Eoff =
Fig. 18b - Test Waveforms for Circuit of Fig. 18a, Defining
Eoff, td(off), tf
∫Vceiedt
t2
t1
5% Vce
Ic
Ipk
Vcc
10% Ic
Vce
t1
t2
DUT VO LTA G E
AND CURRE NT
G AT E VO LTA G E D .U .T .
+Vg
10% +Vg
90% Ic
tr
td(on)
DIO D E R E VE RS E
RE CO V ERY EN ER G Y
tx
E on =
∫
Erec =
t4
t3
Vd id dt
t4
t3
DIO D E RECO V ERY
W AVEFO R M S
Ic
Vpk
10% Vcc
Irr
10% Irr
Vcc
trr
∫
Qrr =
trr
tx
id dt
Same type
device as
D.U.T.
D.U.T.
430µF
80%
of Vce
Fig. 18a - Test Circuit for Measurement of
ILM, Eon, Eoff(diode), trr, Qrr, Irr, td(on), tr, td(off), tf
Fig. 18c - Test Waveforms for Circuit of Fig. 18a,
Defining Eon, td(on), tr
Fig. 18d - Test Waveforms for Circuit of Fig. 18a,
Defining Erec, trr, Qrr, Irr



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com