Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

451279SSL02EXPD Datasheet(PDF) 3 Page - Ashcroft, Inc.

Part # 451279SSL02EXPD
Description  1279 Duragauge® Pressure Gauge
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.

451279SSL02EXPD Datasheet(HTML) 3 Page - Ashcroft, Inc.

  451279SSL02EXPD Datasheet HTML 1Page - Ashcroft, Inc. 451279SSL02EXPD Datasheet HTML 2Page - Ashcroft, Inc. 451279SSL02EXPD Datasheet HTML 3Page - Ashcroft, Inc. 451279SSL02EXPD Datasheet HTML 4Page - Ashcroft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
of 4
3
All specifications are subject to change without notice. All sales subject to standard terms and conditions.
Ashcroft®, Duragauge®, DuraVis™, Plus!™, Trust the Shield® are trademarks and Gold ServiceSM is a service mark
of Ashcroft Inc. The following non-Ashcroft trademarks are the property of their respective owners: Aminco®,
Halocarbon®, Monel®, Teflon™. For more information, see Ashcroft Brands & Trademarks
©2024 Ashcroft Inc. 1279_gauge_ds_RevP_08-08-24
ashcroft.com
| 1.800.328.8258 | Contact Us
Data Sheet
STANDARD PRESSURE RANGES
psi
bar
kPa
mPa
KG (kg/cm2)
30IMV
N1BR
N100KP
N1MP
N1KSC
–
N1/0.6BR
N100/60KP
0.1/0.06MP
N1/0.6KSC
V/15#
–
–
–
–
–
N1/1.5BR
N100/150KP
N0.1/0.15MP
N1/1.5KSC
V/30#
–
–
–
–
–
N1/3BR
N100/300KP
N0.1/0.3MP
N1/3KSC
V/60#
–
–
–
–
–
N1/5BR
N100/500KP
N0.1/0.5MP
N1/5KSC
V/100#
–
–
–
–
–
N1/9BR
N100/900KP
N0.1/0.9MP
N1/9KSC
15#
1BR
100KP
0.1MP
1KSC
20#
–
–
–
–
–
1.6BR
160KP
0.16MP
1.6KSC
30#
–
–
–
–
–
2.5BR
250KP
0.25MP
2.5KSC
60#
4BR
400KP
0.4MP
4KSC
–
6BR
600KP
0.6MP
6KSC
100#
–
–
–
–
120#
–
–
–
–
–
10BR
1000KP
1MP
10KSC
160#
–
–
–
–
200#
–
–
–
–
–
16BR
1600KP
1.6MP
16KSC
300#
–
–
–
–
–
25BR
2500KP
2.5MP
25KG
400#
–
–
–
–
500#
–
–
–
–
600#
40BR
4000KP
4MP
40KSC
800#
–
–
–
–
–
60BR
6000KP
6MP
60KSC
1000#
–
–
–
–
1500#
100BR
10000KP
10MP
100KG
2000#
–
–
–
–
–
160BR
16000KP
16MP
160KSC
3000#
–
–
–
–
–
250BR
25000KP
25MP
250KSC
4000#
–
–
–
–
5000#
–
–
–
–
6000#
400BR
40000KP
40MP
400KSC
8000#
–
–
–
–
–
600BR
60000KP
60MP
600KSC
10000#
–
–
–
–
15000#
1000BR
100000KP
100MP
1000KSC
20000#
-
-
-
-
-
1600BR
-
160MP
1600KSC
30000#
-
-
-
-
CODE
CODE
OPTION
OPTION
AB
AB
Gauges calibrated to compensate for absolute
Gauges calibrated to compensate for absolute
pressure
pressure
DA
DA
Dial marking (text marking on the dial)
Dial marking (text marking on the dial)
EP
EP
Maximum pointer (adjustable, N/A with liquid
Maximum pointer (adjustable, N/A with liquid
filled or hermetically sealed cases)
filled or hermetically sealed cases)
HY
HY
Hydrostatic/pneumatic testing.
(System with ranges 15 -400 PSI pressurized
to 150% of rated system pressure for 5
minutes. Ranges 600 PSI - 10,000 PSI
pressurized to 130% system pressure for
5 minutes.)
NG
NG
Non-glare glass (N/A with liquid fill or
Non-glare glass (N/A with liquid fill or
hermetically sealed cases)
hermetically sealed cases)
OS
OS
Overload stop
Overload stop
SH
SH
Red set hand, stationary
Red set hand, stationary
SG
SG
Safety glass
Safety glass
TS
TS
Throttle screw (STD. with liquid filled,
Throttle screw (STD. with liquid filled,
hermetically sealed or
hermetically sealed or
PLUS!
PLUS!™™ Performance)
Performance)
VS
VS
Underload stop
Underload stop
56
56
Flush mounting ring
Flush mounting ring
D3
D3
DuraVis
DuraVis™
™
retroreflective dial
retroreflective dial
TM
TM
2˝ Pipe mounting bracket
2˝ Pipe mounting bracket
1P
1P
IP 65 Rating (dry gauge only; lower connect only)
TABLE 1
1279 Duragauge® Pressure Gauge



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com