Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

16P6500HHDF02L50XPD Datasheet(PDF) 2 Page - Ashcroft, Inc.

Part # 16P6500HHDF02L50XPD
Description  P5500 and P6500 Low Pressure Diaphragm Gauges
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.

16P6500HHDF02L50XPD Datasheet(HTML) 2 Page - Ashcroft, Inc.

  16P6500HHDF02L50XPD Datasheet HTML 1Page - Ashcroft, Inc. 16P6500HHDF02L50XPD Datasheet HTML 2Page - Ashcroft, Inc. 16P6500HHDF02L50XPD Datasheet HTML 3Page - Ashcroft, Inc. 16P6500HHDF02L50XPD Datasheet HTML 4Page - Ashcroft, Inc. 16P6500HHDF02L50XPD Datasheet HTML 5Page - Ashcroft, Inc. 16P6500HHDF02L50XPD Datasheet HTML 6Page - Ashcroft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Data Sheet
P5500 and P6500 Low Pressure
Diaphragm Gauges
of 6
2
All specifications are subject to change without notice. All sales subject to standard terms and
conditions. Ashcroft® and Trust the Shield® are trademarks of Ashcroft Inc. The following
non-Ashcroft trademarks are the property of their respective owners: Duratherm®, Hastelloy®,
Halocarbon® and Viton™. For more information, see Ashcroft Brands & Trademarks
©2023 Ashcroft Inc. P5500-6500_gauge_ds_RevF_06-16-23
ashcroft.com
| 1.800.328.8258 | Contact Us
ORDERING CODE
Example:
10P5500
S
S
D
T
04
L
00 00000 10IW XPD
Dial Size/Model Code
10P5500 - 100 mm open front diaphragm pressure gauge
10P5500
16P5500 - 160 mm open front diaphragm pressure gauge
10P6500 - 100 mm solid front diaphragm pressure gauge
16P6500 - 160 mm solid front diaphragm pressure gauge
Diaphragm
H - Hastelloy® C-276
S - 316Ti Stainless steel, Duratherm®
S
Lower Housing
H - Hastelloy® C-276
S - 316 Stainless steel
S
Case Design
D - Dry case
D
L - Liquid filled case, glycerin (STD.), (for ranges ≥ 40 IW only)
Process Connection Type
T - Threaded
T
F - Flanged
Process Connection Sizes
00 - Flanged process connection
02 - 1/4 NPT Male
04 - 1/2 NPT Male
04
Process Connection Location
L - Lower
L
Flange Connection Sizes
00 -Threaded process connection
00
50 -1/2˝ NPS
10 - 1˝ NPS
15 -11/2˝ NPS
20 - 2˝ NPS
30 - 3˝ NS
Flange Ratings
00000 - Threaded process connection
00000
150RF -150# Raised Face Flange
300RF - 300# Raised Face Flange
Range (coding example only, see range table on page 3 for all standard ranges)
10IW - 10 Inches of water
10IW
Options (If choosing an option(s) must include an “X”) (for more options, see table 2 on page 4)
X__
PD - Acrylic window
PD



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com