Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ETHERNET-W5100-SHIELD Datasheet(PDF) 2 Page - AG Electronica

Part # ETHERNET-W5100-SHIELD
Description  ESCUDO ETHERNET COMPATIBLE CON W5100
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGELECTRONICA [AG Electronica]
Direct Link  https://www.agelectronica.com/
Logo AGELECTRONICA - AG Electronica

ETHERNET-W5100-SHIELD Datasheet(HTML) 2 Page - AG Electronica

  ETHERNET-W5100-SHIELD Datasheet HTML 1Page - AG Electronica ETHERNET-W5100-SHIELD Datasheet HTML 2Page - AG Electronica ETHERNET-W5100-SHIELD Datasheet HTML 3Page - AG Electronica ETHERNET-W5100-SHIELD Datasheet HTML 4Page - AG Electronica ETHERNET-W5100-SHIELD Datasheet HTML 5Page - AG Electronica ETHERNET-W5100-SHIELD Datasheet HTML 6Page - AG Electronica ETHERNET-W5100-SHIELD Datasheet HTML 7Page - AG Electronica ETHERNET-W5100-SHIELD Datasheet HTML 8Page - AG Electronica  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Especificaciones:
Parámetros:
Conexión del Ethernet Shield para Arduino Uno
El Ethernet Shield se conecta directamente sobre la tarjeta Arduino UNO en los
pines digitales 11, 12 y 13 (SPI) para comunicarse con este shield.
Peso
27g
Dimensiones
70.3mm x 53.3mm
Compatibilidad
Arduino Uno y Mega
W5100
Chip
Ethernet W5100
Protocolos de red
TCP Y UDP
Aplicaciones
Arduino UNO y MEGA
1280/2560
Otra caracteristica
Ranura para tarjeta
Micro-SD



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com