Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KBPC3512W Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # KBPC3512W
Description  Silicon-Bridge-Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

KBPC3512W Datasheet(HTML) 1 Page - Diotec Semiconductor

  KBPC3512W Datasheet HTML 1Page - Diotec Semiconductor KBPC3512W Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
KBPC3500F ... KBPC3516F, KBPC3500W ... KBPC3516W
KBPC3500F ... KBPC3516F, KBPC3500W ... KBPC3516W
Silicon-Bridge-Rectifiers
Silizium-Brückengleichrichter
Version 2007-03-30
Type “FP“
Type “WP“
Dimensions - Maße [mm]
Nominal current
Nennstrom
35 A
Alternating input voltage
Eingangswechselspannung
35...1000 V
Plastic case with alu bottom
Plastikgehäuse mit Alu-Boden
Index “P“
Dimensions
Abmessungen
28.6 x 28.6 x 7.3 [mm]
Weight approx.
Gewicht ca.
“P“ – 17 g
Compound has classification UL94V-0
Vergussmasse nach UL94V-0 klassifiziert
Standard packaging bulk
Standard Lieferform lose im Karton
Recognized Product – Underwriters Laboratories Inc.® File E175067
Anerkanntes Produkt – Underwriters Laboratories Inc.® Nr. E175067
Maximum ratings
Grenzwerte
Type
Typ
Max. alternating input voltage
Max. Eingangswechselspannung
VVRMS [V]
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
VRRM [V] 1)
KBPC3500F/W
35
50
KBPC3501F/W
70
100
KBPC3502F/W
140
200
KBPC3504F/W
280
400
KBPC3506F/W
420
600
KBPC3508F/W
560
800
KBPC3510F/W
700
1000
KBPC3512F/W
800
1200
KBPC3514F/W
900
1400
KBPC3516F/W 2)
1000
1600
1
Valid per diode – Gültig pro Diode
2
Special type – Sondertyp
© Diotec Semiconductor AG
http://www.diotec.com/
1
28.6±0.2
21.6±1
Ø 5.2
18.1±0.5
16.6±0.5
6.7
+
7.3
+
=
=
28.6±0.2
min. 30
Ø 5.2
18±0.5
11.6±0.5
+
7.3
+
=
=


Similar Part No. - KBPC3512W

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
KBPC3512W DIOTEC-KBPC3512W Datasheet
153Kb / 2P
Silicon-Bridge Rectifiers
logo
Won-Top Electronics
KBPC3512W WTE-KBPC3512W Datasheet
54Kb / 4P
35A SINGLE-PHASE BRIDGE RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
KBPC3512W YFWDIODE-KBPC3512W Datasheet
566Kb / 3P
35A HIGH CURRENT SINGLE-PHASE
logo
Won-Top Electronics
KBPC3512W WTE-KBPC3512W Datasheet
54Kb / 4P
35A SINGLE PHASE BRIDGE RECTIFIER
September, 2012
logo
Diotec Semiconductor
KBPC3512WP DIOTEC-KBPC3512WP Datasheet
339Kb / 2P
Silicon-Bridge-Rectifiers
More results

Similar Description - KBPC3512W

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
GBI15A DIOTEC-GBI15A Datasheet
75Kb / 2P
Silicon-Bridge Rectifiers
GBI25A DIOTEC-GBI25A Datasheet
75Kb / 2P
Silicon-Bridge Rectifiers
GBS4A DIOTEC-GBS4A Datasheet
146Kb / 2P
Silicon-Bridge Rectifiers
GBU6A DIOTEC-GBU6A Datasheet
168Kb / 2P
Silicon-Bridge Rectifiers
GBU12A DIOTEC-GBU12A Datasheet
187Kb / 2P
Silicon-Bridge Rectifiers
KBPC2500FW DIOTEC-KBPC2500FW Datasheet
153Kb / 2P
Silicon-Bridge Rectifiers
B125C2300-1500 DIOTEC-B125C2300-1500 Datasheet
62Kb / 2P
Silicon-Bridge Rectifiers
logo
Semikron International
GBU6A SEMIKRON-GBU6A Datasheet
221Kb / 2P
Silicon-Bridge Rectifiers
B40C3200-2200 SEMIKRON-B40C3200-2200 Datasheet
170Kb / 2P
Silicon-Bridge Rectifiers
B40C7000-4000 SEMIKRON-B40C7000-4000 Datasheet
178Kb / 2P
Silicon-Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com