Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CAT93C76 Datasheet(PDF) 12 Page - Catalyst Semiconductor

Part # CAT93C76
Description  8K-Bit Microwire Serial EEPROM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT93C76 Datasheet(HTML) 12 Page - Catalyst Semiconductor

Back Button CAT93C76 Datasheet HTML 5Page - Catalyst Semiconductor CAT93C76 Datasheet HTML 6Page - Catalyst Semiconductor CAT93C76 Datasheet HTML 7Page - Catalyst Semiconductor CAT93C76 Datasheet HTML 8Page - Catalyst Semiconductor CAT93C76 Datasheet HTML 9Page - Catalyst Semiconductor CAT93C76 Datasheet HTML 10Page - Catalyst Semiconductor CAT93C76 Datasheet HTML 11Page - Catalyst Semiconductor CAT93C76 Datasheet HTML 12Page - Catalyst Semiconductor CAT93C76 Datasheet HTML 13Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
CAT93C76 (Rev. A)
Doc. No. MD-1090 Rev. B
12
© Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
EXAMPLE OF ORDERING INFORMATION(1)
Notes:
(1) All packages are RoHS-compliant (Lead-free, Halogen-free).
(2) The standard lead finish is NiPdAu.
(3) The device used in the above example is a 93C76VI-GT3 (SOIC, Industrial Temperature, NiPdAu, Tape & Reel)
(4) Product die revision letter is marked on top of the package as a suffix to the production date code (e.g., AYWWA.) For additional
information, please contact your Catalyst sales office.
(5) For TDFN 3 x 3mm package Tape and Reel = 2000 pcs/reel, all others = 3000 pcs/reel.
(6) For additional package and temperature options, please contact your nearest Catalyst Semiconductor Sales office.
Prefix
Device # Suffix
CAT
93C76
V
I
-G
T3
Company ID
Product Number
93C76
Temperature Range
I = Industrial (-40ºC to 85ºC)
E = Extended (-40ºC to 125ºC)
Lead Finish
Blank: Matte-Tin
G: NiPdAu
Package
L: PDIP
V: SOIC, JEDEC
Y: TSSOP
ZD4: TDFN (3 x 3mm)
Tape & Reel
T: Tape & Reel
2: 2000 units/Reel
(5)
3: 3000 units/Reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com