Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SWD-1020H-03-DB Datasheet(PDF) 2 Page - Eravant

Part # SWD-1020H-03-DB
Description  WR-03 Waveguide Dual-Directional Coupler, 10 dB
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERAVANT [Eravant]
Direct Link  https://www.eravant.com/
Logo ERAVANT - Eravant

SWD-1020H-03-DB Datasheet(HTML) 2 Page - Eravant

  SWD-1020H-03-DB Datasheet HTML 1Page - Eravant SWD-1020H-03-DB Datasheet HTML 2Page - Eravant SWD-1020H-03-DB Datasheet HTML 3Page - Eravant  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SWD-1020H-03-DB
Rev. 1.1
www.eravant.com | 501 Amapola Ave, Torrance, CA 90501
Phone: 424-757-0168 | Fax: 424-757-0188 | Email: support@eravant.com
Page | 2
WR-03 Waveguide Dual-Directional Coupler, 10 dB
Copyright © 2022 by Eravant
Mechanical Specifications:
Item
Specification
Waveguide Ports
WR-03 Waveguide with UG-387/U-M Anti-Cocking Flange
Material
Brass
Finish
Gold Plated
Weight
3.5 oz.
Outline
WD-DB-03-A
-60
-55
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
220
230
240
250
260
270
280
290
300
310
320
330
Frequency (GHz)
Measured Performance vs Frequency
Insertion Loss, IL
Return Loss, RL
Coupling Port 3
Coupling Port 4
Directivity Port 3
Directivity Port 4



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com