Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CAT25010LET3 Datasheet(PDF) 14 Page - Catalyst Semiconductor

Part # CAT25010LET3
Description  1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT25010LET3 Datasheet(HTML) 14 Page - Catalyst Semiconductor

Back Button CAT25010LET3 Datasheet HTML 9Page - Catalyst Semiconductor CAT25010LET3 Datasheet HTML 10Page - Catalyst Semiconductor CAT25010LET3 Datasheet HTML 11Page - Catalyst Semiconductor CAT25010LET3 Datasheet HTML 12Page - Catalyst Semiconductor CAT25010LET3 Datasheet HTML 13Page - Catalyst Semiconductor CAT25010LET3 Datasheet HTML 14Page - Catalyst Semiconductor CAT25010LET3 Datasheet HTML 15Page - Catalyst Semiconductor CAT25010LET3 Datasheet HTML 16Page - Catalyst Semiconductor CAT25010LET3 Datasheet HTML 17Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
CAT25010, CAT25020, CAT25040
Doc. No. MD-1006 Rev. T
14
© Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
TDFN 8-Pad 2 x 3mm (VP2)
(1)(2)
Notes:
(1) All dimensions are in millimeters.
(2) Complies with JEDEC specification MO-229.
For current Tape and Reel information, download the PDF file from:
http://www.catsemi.com/documents/tapeandreel.pdf.
PIN#1
IDENTIFICATION
E2
E
A3
eb
D
A2
TOP VIEW
SIDE VIEW
BOTTOM VIEW
PIN#1 INDEX AREA
FRONT VIEW
A1
A
L
D2
SYMBOL
MIN
NOM
MAX
A
0.70
0.75
0.80
A1
0.00
0.02
0.05
A2
0.45
0.55
0.65
A3
0.20 REF
b
0.20
0.25
0.30
D
1.90
2.00
2.10
D2
1.30
1.40
1.50
E
2.90
3.00
3.10
E2
1.20
1.30
1.40
e050 TYP
L
0.20
0.30
0.40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com