Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT45RM03 Datasheet(PDF) 10 Page - Holtek Semiconductor Inc

Part # HT45RM03
Description  Brushless DC Motor Type 8-Bit OTP MCU
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45RM03 Datasheet(HTML) 10 Page - Holtek Semiconductor Inc

Back Button HT45RM03 Datasheet HTML 6Page - Holtek Semiconductor Inc HT45RM03 Datasheet HTML 7Page - Holtek Semiconductor Inc HT45RM03 Datasheet HTML 8Page - Holtek Semiconductor Inc HT45RM03 Datasheet HTML 9Page - Holtek Semiconductor Inc HT45RM03 Datasheet HTML 10Page - Holtek Semiconductor Inc HT45RM03 Datasheet HTML 11Page - Holtek Semiconductor Inc HT45RM03 Datasheet HTML 12Page - Holtek Semiconductor Inc HT45RM03 Datasheet HTML 13Page - Holtek Semiconductor Inc HT45RM03 Datasheet HTML 14Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 54 page
background image
HT45RM03
Rev. 1.10
10
February 16, 2007
Interrupt
The devices provides four external interrupts, two inter-
nal Timer/Event Counter 0/1 interrupts, one comparator
interrupt, and PWM period interrupt. The interrupt con-
trol register 0 (INTC0;0BH) and interrupt control register
1 (INTC1;1EH) both contain the interrupt control bits
that are used to set the enable/disable status and inter-
rupt request flags.
Once an interrupt subroutine is serviced, all the other in-
terrupts will be blocked (by clearing the EMI bit). This
scheme may prevent any further interrupt nesting. Other
interrupt requests may happen during this interval but
only the interrupt request flag is recorded. If a certain in-
terrupt requires servicing within the service routine, the
EMI bit and the corresponding bit of INTC0 and INTC1
may be set to allow interrupt nesting. If the stack is full,
the interrupt request will not be acknowledged, even if the
related interrupt is enabled, until the SP is decremented.
If immediate service is desired, the stack must be pre-
vented from becoming full.
All these kinds of interrupts have a wake-up capability.
As an interrupt is serviced, a control transfer occurs by
pushing the program counter onto the stack, followed by
a branch to a subroutine at specified location in the pro-
gram memory. Only the program counter is pushed onto
the stack. If the contents of the register or status register
(STATUS) are altered by the interrupt service program
which corrupts the desired control sequence, the con-
tents should be saved in advance.
The Comparator output Interrupt is initialized by setting
the Comparator output Interrupt request flag (CF; bit 4 of
the INTC0), which is caused by a falling edge transition
of comparator output. After the interrupt is enabled, and
the stack is not full, and the CF bit is set, a subroutine
call to location 04H occurs. The related interrupt request
flag (CF) is reset, and the EMI bit is cleared to disable
further maskable interrupts.
External interrupts are triggered by a an edge transition
of INT0A, INT0B, INT0C or INT1 (software control: high
to low, low to high, low to high or high to low), and the re-
lated interrupt request flag (EIF0; bit 5 of INTC0, EIF1;
bit 6 of INTC0) is set as well. After the interrupt is en-
abled, the stack is not full, and the external interrupt is
active, a subroutine call to location 08H or 0CH occurs.
The interrupt request flag (EIF0 or EIF1) and EMI bits
are all cleared to disable other maskable interrupts.
The PWM period interrupt is initialized by setting the
PWM period interrupt request flag (PWMF; bit 4 of
INTC1), that is caused by a regular PWM period signal.
After the interrupt is enabled, and the stack is not full,
and the PWMF bit is set, a subroutine call to location
10H occurs. The related interrupt request flag (PWMF)
is reset and the EMI bit is cleared to disable further
maskable interrupts.
The internal Timer/Event Counter 0 interrupt is initial-
ized by setting the Timer/Event Counter 0 interrupt re-
quest flag (T0F; bit 5 of the INTC1), which is normally
caused by a timer overflow. After the interrupt is en-
abled, and the stack is not full, and the T0F bit is set, a
subroutine call to location 014H occurs. The related in-
terrupt request flag (T0F) is reset, and the EMI bit is
cleared to disable further interrupts. The Timer/Event
Counter 1 is operated in the same manner, The
Timer/Event Counter 1 related interrupt request flag is
T1F (bit 6 of the INTC1) and its subroutine call location
is 018H. The related interrupt request flag (T1F) will be
reset and the EMI bit cleared to disable further inter-
rupts.
Bit No.
Label
Function
0
EMI
Control the master (global) interrupt (1=enabled; 0=disabled)
1
ECI
Control the Comparator interrupt (1=enabled; 0=disabled)
2
EEI0
Control the external INT0A, INT0B, INT0C interrupt(1=enabled; 0=disabled)
3
EEI1
Control the external INT1 interrupt (1=enabled; 0=disabled)
4
CF
The Comparator request flag (1=active; 0=inactive)
5
EI0F
External interrupt INT0A, INT0B, INT0C request flag (1=active; 0=inactive)
6
EI1F
External interrupt INT1 request flag (1=active; 0=inactive)
7
¾
Unused bit, read as
²0².
INTC0 (0BH) Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com