Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT45R34 Datasheet(PDF) 15 Page - Holtek Semiconductor Inc

Part # HT45R34
Description  C/R to F Type 8-Bit OTP MCU
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45R34 Datasheet(HTML) 15 Page - Holtek Semiconductor Inc

Back Button HT45R34 Datasheet HTML 11Page - Holtek Semiconductor Inc HT45R34 Datasheet HTML 12Page - Holtek Semiconductor Inc HT45R34 Datasheet HTML 13Page - Holtek Semiconductor Inc HT45R34 Datasheet HTML 14Page - Holtek Semiconductor Inc HT45R34 Datasheet HTML 15Page - Holtek Semiconductor Inc HT45R34 Datasheet HTML 16Page - Holtek Semiconductor Inc HT45R34 Datasheet HTML 17Page - Holtek Semiconductor Inc HT45R34 Datasheet HTML 18Page - Holtek Semiconductor Inc HT45R34 Datasheet HTML 19Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 41 page
background image
HT45R34
Rev. 1.20
15
October 15, 2007
Bit No.
Label
Function
0~2
¾
Unused bit, read as
²0²
3
¾
Undefined bit, this bit can read/write
4
RCOCON Enable or disable external RC oscillation converter counting (0= disabled; 1= enabled)
5
6
7
RCOM0
RCOM1
RCOM2
Define the Timer A clock source, RCOM2, RCOM1, RCOM0=
000= System clock
001= System clock/4
010= Unused
011= Unused
100= Unused
101= Unused
110= Unused
111= Unused
RCOCCR (22H) Register
of Timer A/Timer B can not be read directly. It must read
TMRAH/TMRBH first to ensure that the low byte con-
tents of Timer A/Timer B are latched into the buffer.
The resistor and capacitor form an oscillation circuit and
input to TMRBH and TMRBL. The RCOM0, RCOM1
and RCOM2 bits of RCOCCR define the clock source of
Timer A. It is recommended that the clock source of
Timer A uses the system clock or the instruction clock.
If the RCOCON bit, bit 4 of RCOCCR, is set to
²1², Timer
A and Timer B will start counting until Timer A or Timer B
overflows, the timer/event counter will then generate an
interrupt request flag which is RCOCF; bit 4 of INTC1.
The Timer A and Timer B will stop counting and will reset
the RCOCON bit to
²0² at the same time. If the
RCOCON bit is
²1², TMRAH, TMRAL, TMRBH and
TMRBL cannot be read or written.
Bit No.
Label
Function
0
OVB
In the RC oscillation converter mode, this bit is used to define the timer/event counter interrupt,
which comes from Timer A overflow or Timer B overflow.
(0= Timer A overflow; 1= Timer B overflow)
1
RCO
Define RC oscillation converter mode.
(0= Disable RC oscillation converter mode; 1= Enable RC oscillation converter mode)
2~3
¾
Unused bit, read as
²0²
4~7
RW
4-bit read/write registers for user defined.
RCOCR (25H) Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com