Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HV746 Datasheet(PDF) 5 Page - Supertex, Inc

Part # HV746
Description  Dual High Speed 짹75V 2.5A Ultrasound Pulser
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV746 Datasheet(HTML) 5 Page - Supertex, Inc

  HV746 Datasheet HTML 1Page - Supertex, Inc HV746 Datasheet HTML 2Page - Supertex, Inc HV746 Datasheet HTML 3Page - Supertex, Inc HV746 Datasheet HTML 4Page - Supertex, Inc HV746 Datasheet HTML 5Page - Supertex, Inc HV746 Datasheet HTML 6Page - Supertex, Inc HV746 Datasheet HTML 7Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
HV746
Drive Mode Control Table
Mode
MC1
MC0
I
SC
(A)
R
ON P
(Ω)
R
ON N
(Ω)
1
0
0
0.82
18
17
2
0
1
1.16
13
12
3
1
0
1.94
7.5
7.0
4
1
1
3.6
4.0
3.8
Note:
1. V
PP/VNN= +/-75V, VDD= (VPP –VPF) = (VNF–VNN) = +9.0V
2. I
SC is current into 1.0Ω to GND
3. Ron calculated from V
OUT into 100Ω load
Switching Time Diagram
tdr
50%
10%
50%
90%
PINx
NINx
tdf
Output
VNN
VPP
tr
10%
tf
90%
0
Truth Table (Mode = X)
Logic Inputs
Output
EN
PIN
X
NIN
X
TXP
X
TXN
X
100
OFF
OFF
1
1
0
ON
OFF
10
1
OFF
ON
1
1
1
ON*
ON*
0
XX
OFF
OFF
Note:
* Not allowed, may damage IC.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com