Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BES01ZK Datasheet(PDF) 2 Page - Balluff Korea Ltd.

Part # BES01ZK
Description  Mechanical Cam Switches
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BES01ZK Datasheet(HTML) 2 Page - Balluff Korea Ltd.

  BES01ZK Datasheet HTML 1Page - Balluff Korea Ltd. BES01ZK Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Mechanical Cam Switches
BES 516-344-H2-Y
Order Code: BES01ZK
Internet
www.balluff.com
eCl@ss 9.1: 27-27-06-01
Subject to change without notice: 279404
ETIM 6.0: EC000030
BES01ZK_0.84_2024-09-11
2 / 2
Functional safety
MTTF (40 °C)
1620 a
Interface
Cable fitting, thread size
M16x1.5
Switching output
NPN normally open (NO)
Material
Housing material
Aluminium, Anodized
Housing material, surface protection
Anodized
Material sensing surface
PA 12
Mechanical data
Connection cross-section
2.5 mm²
Dimension
42 x 22 x 48 mm
Installation
for flush mounting
Tightening torque
3…4 Nm (M16x1.5)
Tightening torque clamping screw
0.4 Nm
Range/Distance
Assured operating distance Sa
1. Switch position: 4 mm
Hysteresis H max. (% of Sr)
15.0 %
Range
5 mm
Rated operating distance Sn
1. Switch position: 5 mm
Real switching distance sr
5 mm
Repeat accuracy max. (% of Sr)
5.0 %
Temperature drift max. (% of Sr)
10 %
Remarks
The sensor is functional again after the overload has been eliminated.
For more information about MTTF and B10d see MTTF / B10d Certificate
Indication of the MTTF- / B10d value does not represent a binding composition and/or life expectancy assurance; these are simply experiential values with no
warranty implications. These declared values also do not extend the expiration period for defect claims or affect it in any way.
Wiring Diagrams (Schematic)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com