Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADS4CH60FS Datasheet(PDF) 4 Page - Advanced (Shenzhen) Electronics Co.,Ltd

Part # ADS4CH60FS
Description  3 Quadrants High temperature Triacs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADV [Advanced (Shenzhen) Electronics Co.,Ltd]
Direct Link  http://www.advsemi.com/en/
Logo ADV - Advanced (Shenzhen) Electronics Co.,Ltd

ADS4CH60FS Datasheet(HTML) 4 Page - Advanced (Shenzhen) Electronics Co.,Ltd

  ADS4CH60FS Datasheet HTML 1Page - Advanced (Shenzhen) Electronics Co.,Ltd ADS4CH60FS Datasheet HTML 2Page - Advanced (Shenzhen) Electronics Co.,Ltd ADS4CH60FS Datasheet HTML 3Page - Advanced (Shenzhen) Electronics Co.,Ltd ADS4CH60FS Datasheet HTML 4Page - Advanced (Shenzhen) Electronics Co.,Ltd ADS4CH60FS Datasheet HTML 5Page - Advanced (Shenzhen) Electronics Co.,Ltd ADS4CH60FS Datasheet HTML 6Page - Advanced (Shenzhen) Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
 
     
ADS4CH60F/80F
 
4 / 6
www.advsemi.com
Feb,2013 -Rev.3.02
ADV
FIG.7:Holding current and Latching current VS
Junction temperature
FIG.8:
Gate
trigger
voltage
VS
Junction
temperature
FIG.9: On-state characteristics(Max)
0
50
100
150
200
250
150
125
100
75
50
25
-50
0
-25
0
50
100
150
200
250
150
125
100
75
50
25
-50
0
-25
IH,IL(Tj)/IH,IL(25°C) x 100(%)
0
50
100
150
200
250
150
125
100
75
50
25
-50
0
-25
0
50
100
150
200
250
150
125
100
75
50
25
-50
0
-25
0
50
100
150
200
250
150
125
100
75
50
25
-50
0
-25
0
50
100
150
200
250
150
125
100
75
50
25
-50
0
-25
VGT(Tj)/VGT(25°C) x 100(%)
ITM(A),On-State Current
10-1
100
101
102
4
3.5
3
2.5
2
1.5
1
0.5
(1)
(2)
(1)Tj=25°C Max
(2)Tj=125°C Max



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com