| Electronic Components Datasheet Search |
|
AM263P2ACOLFZCZR Datasheet(PDF) 68 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM263P2ACOLFZCZR Datasheet(HTML) 68 Page - Texas Instruments |
|
68 / 164 page ![]() Table 5-95. PRU-ICSS GPIO Signal Descriptions (continued) SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ZCZ C PIN [4] ZCZ S PIN [4] ZCZ F PIN [4] PR0_PRU1_GPIO2 IO PRU1 General Purpose Input/Output E17 E17 E17 PR0_PRU1_GPIO3 IO PRU1 General Purpose Input/Output E18 E18 E18 PR0_PRU1_GPIO4 IO PRU1 General Purpose Input/Output F16 F16 F16 PR0_PRU1_GPIO5 IO PRU1 General Purpose Input/Output F15 F15 F15 PR0_PRU1_GPIO6 IO PRU1 General Purpose Input/Output E16 E16 E16 PR0_PRU1_GPIO7 IO PRU1 General Purpose Input/Output A16 A16 A16 PR0_PRU1_GPIO8 IO PRU1 General Purpose Input/Output D18 D18 D18 PR0_PRU1_GPIO9 IO PRU1 General Purpose Input/Output C18 C18 C18 PR0_PRU1_GPIO10 IO PRU1 General Purpose Input/Output D17 D17 D17 PR0_PRU1_GPIO11 IO PRU1 General Purpose Input/Output B18 B18 B18 PR0_PRU1_GPIO12 IO PRU1 General Purpose Input/Output B17 B17 B17 PR0_PRU1_GPIO13 IO PRU1 General Purpose Input/Output D16 D16 D16 PR0_PRU1_GPIO14 IO PRU1 General Purpose Input/Output C17 C17 C17 PR0_PRU1_GPIO15 IO PRU1 General Purpose Input/Output A17 A17 A17 PR0_PRU1_GPIO16 IO PRU1 General Purpose Input/Output C16 C16 C16 PR0_PRU1_GPIO17 IO PRU1 General Purpose Input/Output D13 D13 D13 PR0_PRU1_GPIO18 IO PRU1 General Purpose Input/Output C15 C15 C15 PR0_PRU1_GPIO19 IO PRU1 General Purpose Input/Output D15 D15 D15 Table 5-96. PRU-ICSS IEP Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ZCZ C PIN [4] ZCZ S PIN [4] ZCZ F PIN [4] PR0_IEP0_EDC_SYNC_OUT0 O PRU-ICSS Industrial Ethernet Distributed Clock Sync Output D15 D15 D15 PR0_IEP0_EDC_SYNC_OUT1 O PRU-ICSS Industrial Ethernet Distributed Clock Sync Output A16 A16 A16 PR0_IEP0_EDIO_DATA_IN_O UT30 IO PRU-ICSS Industrial Ethernet Digital I/O Data Input/ Output D13 D13 D13 PR0_IEP0_EDIO_DATA_IN_O UT31 IO PRU-ICSS Industrial Ethernet Digital I/O Data Input/ Output C15 C15 C15 Table 5-97. PRU-ICSS MDIO Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ZCZ C PIN [4] ZCZ S PIN [4] ZCZ F PIN [4] PR0_MDIO0_MDC O PRU-ICSS MDIO Clock L18 L18 L18 PR0_MDIO0_MDIO IO PRU-ICSS MDIO Data L17 L17 L17 Table 5-98. PRU-ICSS UART Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ZCZ C PIN [4] ZCZ S PIN [4] ZCZ F PIN [4] PR0_UART0_CTSn I PRU-ICSS UART Clear to Send (Active Low) F17 F17 F17 PR0_UART0_RTSn O PRU-ICSS UART Request to Send (Active Low) G18 G18 G18 PR0_UART0_RXD I PRU-ICSS UART Receive Data C18 C18 C18 PR0_UART0_TXD O PRU-ICSS UART Transmit Data D17 D17 D17 5.3.20 SDFM Table 5-99. SDFM0 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ZCZ C PIN [4] ZCZ S PIN [4] ZCZ F PIN [4] SDFM0_CLK0 I SDFM Channel 0 Clock B16 B16 B16 SDFM0_CLK1 I SDFM Channel 1 Clock A16 A16 A16 SDFM0_CLK2 I SDFM Channel 2 Clock B15 B15 B15 SDFM0_CLK3 I SDFM Channel 3 Clock A15 A15 A15 SDFM0_D0 I SDFM Channel 0 Data D14 D14 D14 AM263P4, AM263P2, AM263P1, AM263P4-Q1, AM263P2-Q1, AM263P1-Q1 SPRSP81C – OCTOBER 2023 – REVISED MAY 2024 www.ti.com 68 Submit Document Feedback Copyright © 2024 Texas Instruments Incorporated Product Folder Links: AM263P4 AM263P2 AM263P1 AM263P4-Q1 AM263P2-Q1 AM263P1-Q1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |