Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KD415MEVCNE2G Datasheet(PDF) 2 Page - Ashcroft, Inc.

Part # KD415MEVCNE2G
Description  KD41 CANbus Pressure Transduce
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.

KD415MEVCNE2G Datasheet(HTML) 2 Page - Ashcroft, Inc.

  KD415MEVCNE2G Datasheet HTML 1Page - Ashcroft, Inc. KD415MEVCNE2G Datasheet HTML 2Page - Ashcroft, Inc. KD415MEVCNE2G Datasheet HTML 3Page - Ashcroft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Data Sheet
KD41 CANbus Pressure Transducer
All specifications are subject to change without notice. All sales subject to standard terms and
conditions. Ashcroft® and Trust the Shield® are trademarks of Ashcroft Inc. The following non-Ashcroft
trademarks are the property of their respective owners: 17-4 PH®, CANopen®, Hirschmann® and SAE®.
For more information, see Ashcroft Brands & Trademarks
©2022 Ashcroft Inc. kd41_transducer_ds_RevB_11-03-22
ashcroft.com
| 1.800.328.8258 | Contact Us
of 3
2
ORDERING CODE
Example:
KD41
5
MEK
CJ
EW
7500#
G
-#XXXX
Function
KD41- KD41 Pressure Transducer with CANbus protocols
KD41
Accuracy
5 - ±0.5% of span
5
3 - ±0.25% of span (optional)
Pressure Connection
M02 - 1/4 NPT - Male
MEK - 7⁄16-20 SAE® #4 - Male w/Buna N O-ring
MEK
MEV - 9⁄16-18 SAE® #6 - Male w/Buna-N O-ring
MGA - G 1/4 A, Form E - Male
Output Signal
CN - CANopen®
CJ - SAE® J1939
CJ
Electrical Connections
M12 - Mates to Hirschmann® 933 172-100 or similar
EW - No Mating Connector
EW
E0 - with Mating Connector, No cable
E2 - with mating connector, 3 feet of shielded cable
E1 - with mating connector with customer specified cable length
Pigtail - Shielded Cable
F2 - with 3 feet of cable
F3 - with 10 feet of cable
P1 - Customer specified cable length
Pressure ranges (see tange table on page 3 for more ranges)
7500# - 7,500 psi
7500#
Measurement Type
G - Gauge
G
Variation (required)
#XXXX - Customer specified parameters
#XXXX



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com