Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M58PR256LE96ZB5 Datasheet(PDF) 43 Page - STMicroelectronics

Part # M58PR256LE96ZB5
Description  256-Mbit, 512-Mbit or 1-Gbit (횞 16, multiple bank, multilevel, burst) 1.8 V supply Flash memories
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58PR256LE96ZB5 Datasheet(HTML) 43 Page - STMicroelectronics

Back Button M58PR256LE96ZB5 Datasheet HTML 39Page - STMicroelectronics M58PR256LE96ZB5 Datasheet HTML 40Page - STMicroelectronics M58PR256LE96ZB5 Datasheet HTML 41Page - STMicroelectronics M58PR256LE96ZB5 Datasheet HTML 42Page - STMicroelectronics M58PR256LE96ZB5 Datasheet HTML 43Page - STMicroelectronics M58PR256LE96ZB5 Datasheet HTML 44Page - STMicroelectronics M58PR256LE96ZB5 Datasheet HTML 45Page - STMicroelectronics M58PR256LE96ZB5 Datasheet HTML 46Page - STMicroelectronics M58PR256LE96ZB5 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 119 page
background image
M58PR256LE, M58PR512LE, M58PR001LE
Program operations
43/119
Figure 5.
Program regions configured in control or object program mode
5.3
Program methods
The device supports two types of program methods:
Single word program method, which is used to program a single word to a specific
address of the memory array.
Buffered program methods, which can be split into two different methods:
Buffer program method, which uses the device's write buffer to speed up
programming. The data is written into the write buffer and then programmed to the
specified block address.
Buffer enhanced factory program method, which is developed to speed up
programming in manufacturing environments where the programming time is
critical. The data is written in the write buffer and then programmed to the
specified block.
The following sections describe the relationship between program commands and program
methods in detail. See Table 13: Relationships between program methods and program
modes and Table 12: Program methods available with each program mode.
Program region 0
1 Kbyte (512 byte programmable)
128 Kword BLOCK
Data 2
Data 4
F F F F F F F F
SEGMENT 30
Data (n – 4)
Data (n – 2)
Data n
SEGMENT 3
SEGMENT 2
SEGMENT 1
SEGMENT 0
...
Program region in control program mode
F F F F F F F F
F F F F F F F F
F F F F F F F F
F F F F F F F F
F F F F F F F F
A halves
(A3 = 0)
B halves
(A3 = 1)
...
Object
1 Kbyte
ai10135
SEGMENT 31
:
:
:
:
:
Program region 1
1 Kbyte (512 byte programmable)
Program region 254
1 Kbyte (512 byte programmable)
Program region 255
1 Kbyte (512 byte programmable)
Data 1
Data 3
Data (n – 3)
Data (n – 1)
SEGMENT 30
SEGMENT 3
SEGMENT 2
SEGMENT 1
SEGMENT 0
SEGMENT 31
F F F F F F F F F F F F F F F F
F F F F F F F F F F F F F F F F
F F F F F F
Program region in object program mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com