Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMC6035IMM/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LMC6035IMM/NOPB
Description  LMC603x 2.7V, Low-Power, Single-Supply, CMOS Operational Amplifiers
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMC6035IMM/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  LMC6035IMM/NOPB Datasheet HTML 1Page - Texas Instruments LMC6035IMM/NOPB Datasheet HTML 2Page - Texas Instruments LMC6035IMM/NOPB Datasheet HTML 3Page - Texas Instruments LMC6035IMM/NOPB Datasheet HTML 4Page - Texas Instruments LMC6035IMM/NOPB Datasheet HTML 5Page - Texas Instruments LMC6035IMM/NOPB Datasheet HTML 6Page - Texas Instruments LMC6035IMM/NOPB Datasheet HTML 7Page - Texas Instruments LMC6035IMM/NOPB Datasheet HTML 8Page - Texas Instruments LMC6035IMM/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
4 Pin Configuration and Functions
1
OUT A
8
V+
2
±IN A
7
OUT B
3
+IN A
6
±IN B
4
V±
5
+IN B
Not to scale
Figure 4-1. LMC6035 D Package, 8-Pin SOIC, and DGK Package, 8-Pin VSSOP (Top View)
Table 4-1. Pin Functions: LMC6035 D and DGK Packages
PIN
TYPE
DESCRIPTION
NAME
NO.
–IN A
2
Input
Inverting input channel A
–IN B
6
Input
Inverting input channel B
+IN A
3
Input
Noninverting input channel A
+IN B
5
Input
Noninverting input channel B
OUT A
1
Output
Output channel A
OUT B
7
Output
Output channel B
V–
4
Power
Negative supply
V+
8
Power
Positive supply
1
2
3
A
B
C
Not to scale
OUT B
–IN B
+IN B
V+
V–
OUT A
–IN A
+IN A
Figure 4-2. LMC6035 YZR Package, 8-Pin DSBGA and YAF Package, 8-Pin DSBGA (Top View)
Table 4-2. Pin Functions: LMC6035 YZR and YAF packages
PIN
TYPE
DESCRIPTION
NAME
NO.
–IN A
C2
Input
Inverting input channel A
–IN B
A2
Input
Inverting input channel B
+IN A
C3
Input
Noninverting input channel A
+IN B
A3
Input
Noninverting input channel B
OUT A
C1
Output
Output channel A
OUT B
A1
Output
Output channel B
V–
B3
Power
Negative supply
V+
B1
Power
Positive supply
www.ti.com
LMC6035, LMC6036
SNOS875H – JANUARY 2000 – REVISED DECEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: LMC6035 LMC6036



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com