Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMC6035IMMX/NOPB Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LMC6035IMMX/NOPB
Description  LMC603x 2.7V, Low-Power, Single-Supply, CMOS Operational Amplifiers
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMC6035IMMX/NOPB Datasheet(HTML) 21 Page - Texas Instruments

Back Button LMC6035IMMX/NOPB Datasheet HTML 17Page - Texas Instruments LMC6035IMMX/NOPB Datasheet HTML 18Page - Texas Instruments LMC6035IMMX/NOPB Datasheet HTML 19Page - Texas Instruments LMC6035IMMX/NOPB Datasheet HTML 20Page - Texas Instruments LMC6035IMMX/NOPB Datasheet HTML 21Page - Texas Instruments LMC6035IMMX/NOPB Datasheet HTML 22Page - Texas Instruments LMC6035IMMX/NOPB Datasheet HTML 23Page - Texas Instruments LMC6035IMMX/NOPB Datasheet HTML 24Page - Texas Instruments LMC6035IMMX/NOPB Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
7.2.3 High-Pass Active Filter
The previous low-pass filter circuit of Figure 7-7 converts to a high-pass active filter per Figure 7-8.
+
–
**VIN
LMC603x
3V
C1
4.7nF
C2
6.8nF
R2
54.9k
R1
110k
VOUT
(1F)*
(1.414
1
)*
* Normalized values
(1F)*
0.7071
1
1V (offset)
Figure 7-8. 2-Pole, 300Hz, Sallen and Key, High-Pass Filter
7.2.3.1 High-Pass Frequency Scaling Procedure
Choose a standard capacitor value and scale the impedances in the circuit according to the desired cutoff
frequency (300Hz) as follows:
C=C1=C2
(8)
Z=  12πfcC= 1
2π×300Hz×6.8nF=78.05kΩ
(9)
R1= Z×R1normalized=78.05kΩ× 10.707=110.4kΩ
(10)
A standard value of 110kΩ is chosen for R1.
R2= Z×R2normalized=78.05kΩ× 11.414=55.2kΩ
(11)
A standard value of 54.9kΩ is chosen for R2.
www.ti.com
LMC6035, LMC6036
SNOS875H – JANUARY 2000 – REVISED DECEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: LMC6035 LMC6036



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com