Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMC6035IMX/NOPB Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # LMC6035IMX/NOPB
Description  LMC603x 2.7V, Low-Power, Single-Supply, CMOS Operational Amplifiers
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMC6035IMX/NOPB Datasheet(HTML) 20 Page - Texas Instruments

Back Button LMC6035IMX/NOPB Datasheet HTML 16Page - Texas Instruments LMC6035IMX/NOPB Datasheet HTML 17Page - Texas Instruments LMC6035IMX/NOPB Datasheet HTML 18Page - Texas Instruments LMC6035IMX/NOPB Datasheet HTML 19Page - Texas Instruments LMC6035IMX/NOPB Datasheet HTML 20Page - Texas Instruments LMC6035IMX/NOPB Datasheet HTML 21Page - Texas Instruments LMC6035IMX/NOPB Datasheet HTML 22Page - Texas Instruments LMC6035IMX/NOPB Datasheet HTML 23Page - Texas Instruments LMC6035IMX/NOPB Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 44 page
background image
7.2.2 Low-Pass Active Filter
A common application for low voltage systems is active filters, in cordless and cellular phones for example. The
ultra low input bias currents (IB) of the LMC603x makes these op amps an excellent for low power active filter
applications, because the low input bias current allows the use of higher resistor values and lower capacitor
values. This reduces power consumption and space.
Figure 7-7 shows a low pass, active filter with a Butterworth (maximally flat) frequency response. The topology
is a Sallen and Key filter with unity gain. Note the normalized component values in parenthesis which are
obtainable from standard filter design handbooks. These values provide a 1Hz cutoff frequency, but can be
easily scaled for a desired cutoff frequency (fc). The bold component values of Figure 7-7 provide a cutoff
frequency of 3kHz. An example of the scaling procedure follows Figure 7-7.
+
–
**VIN
LMC603x
3V
C1
4.7nF
C2
6.8nF
R2
8.4k
R1
8.4k
VOUT
(0.7071F)*
(1 )*
(1 )*
(1.414F)*
* Normalized values
** Input requires dc offset
Figure 7-7. 2-Pole, 3kHz, Active, Sallen and Key, Low-Pass Filter With Butterworth Response
7.2.2.1 Low-Pass Frequency Scaling Procedure
The actual component values represented in bold of Figure 7-7 were obtained with the following scaling
procedure:
1. First determine the frequency scaling factor (FSF) for the desired cutoff frequency. Choosing fc at 3kHz,
provides the following FSF computation:
FSF= 2π×300kHz=18.84k
(1)
2. Then divide all of the normalized capacitor values by the FSF as follows (C1' and C2': prior to impedance
scaling):
C1′= C1normalized
FSF = 0.70718.84k=37.93×10−6F
(2)
C2′= C1normalized
FSF = 1.41418.84k=75.05×10−6F
(3)
3. Last, choose an impedance scaling factor (Z). This Z factor can be calculated from a standard value for C2.
Then Z can be used to determine the remaining component values as follows:
Z=  C2′C2chosen=75.05×10−6F
6.8nF =8.4k
(4)
C1= C1′Z=37.93×10−6F
8.4k =4.52nF
(5)
R1= R1normalized×Z=1Ω ×8.4k=8.4kΩ
(6)
R2= R2normalized×Z=1Ω ×8.4k=8.4kΩ
(7)
4. A standard value of 8.45kΩ is chosen for R1 and R2.
LMC6035, LMC6036
SNOS875H – JANUARY 2000 – REVISED DECEMBER 2024
www.ti.com
20
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: LMC6035 LMC6036



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com