Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SC1109ACSTR Datasheet(PDF) 16 Page - Semtech Corporation

Part # SC1109ACSTR
Description  Synchronous PWM Controller with Dual Low Dropout Regulator Controllers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1109ACSTR Datasheet(HTML) 16 Page - Semtech Corporation

Back Button SC1109ACSTR Datasheet HTML 11Page - Semtech Corporation SC1109ACSTR Datasheet HTML 12Page - Semtech Corporation SC1109ACSTR Datasheet HTML 13Page - Semtech Corporation SC1109ACSTR Datasheet HTML 14Page - Semtech Corporation SC1109ACSTR Datasheet HTML 15Page - Semtech Corporation SC1109ACSTR Datasheet HTML 16Page - Semtech Corporation SC1109ACSTR Datasheet HTML 17Page - Semtech Corporation SC1109ACSTR Datasheet HTML 18Page - Semtech Corporation SC1109ACSTR Datasheet HTML 19Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
16
 2004 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC1109
D1
D1N4148
Q3
IRLR3103
1.2V 6A
GND J8
VTT
J7
R3 0
+
C8
1500uF
GND
J4
5V IN J6
J15
C6
0.1uF
U1
SC1109A/B
12
5
3
7
6
9
10
13
14
4
11
8
15
2
1
16
PWRGD
BCAP-
STBY
PHASE
GND
DH
BST
VOSENSE
SS/EN
BCAP+
VCC
DL
GATE2
GATE1
LDOS1
LDOS2
+
C14
330uF
1.8V
J16
R5
0
GND
J2
+
C10
1500uF
12V IN
J1
+
C5
1500uF
C3
0.1uF
VTT
J9
+
C13
330uF
GND
J13
+
C9
1500uF
C7
0.1uF
Q4
IRLR3103
GND
J17
L1 4uH
C16
0.1uF
R1
10k
C4
0.1uF
POWER GOOD J11
R2 0
C1
0.1uF
R4 2.2
+
C2
1500uF
GND
J18
GND
J19
Q1
IRLR3103
GND J10
GND
J12
5V IN J5
3.3V IN
J14
C12
0.1uF
C11
0.1uF
5V STBY J3
Q2
IRLR3103
+
C15
330uF
1.5V
Evaluation Board Schematic
D1
D1N4148
Q3
IRLR3103
1.2V 6A
GND J8
VTT
J7
R3 0
+
C8
1500uF
GND
J4
5V IN J6
J15
C6
0.1uF
U1
SC1109C
12
5
3
7
6
9
10
13
14
4
11
8
15
2
1
16
OCSET
BCAP-
STBY
PHASE
GND
DH
BST
VOSENSE
SS/EN
BCAP+
VCC
DL
GATE2
GATE1
LDOS1
LDOS2
+
C14
330uF
1.8V
J16
R5
0
GND
J2
+
C10
1500uF
12V IN
J1
+
C5
1500uF
C3
0.1uF
VTT
J9
+
C13
330uF
GND
J13
+
C9
1500uF
C7
0.1uF
Q4
IRLR3103
GND
J17
L1 4uH
R1
TBD
C4
0.1uF
OCSET
J11
R2 0
C1
0.1uF
R4 2.2
+
C2
1500uF
GND
J18
GND
J19
Q1
IRLR3103
GND J10
GND
J12
5V IN J5
3.3V IN
J14
C12
0.1uF
C11
0.1uF
5V STBY J3
Q2
IRLR3103
+
C15
330uF
1.5V
C16
1nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com